Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC15269 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPC15269
Description  D-Sub Connector 9 Pin PCB Mount Plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPC15269 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPC15269 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPC15269 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
10/07/12
D-Sub Connector
9 Pin PCB Mount Plug
Dimensions : Millimeters (Inches)
Specifications
Shell
: Steel, Tin-Plated
Contact
: Brass, Stamped Gold-Plated
Insulator
: PBT & Fiber - Glass Reinforced, Black colour
Current Rating
: 5 Amps
Dielectric Strength
: 1,000V for one Min.
Insulator Resistance
: 1,000MΩ Min. at 500V DC
Temperature
: -50°C to +105°C


Similar Part No. - SPC15269

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPC15219 ETC2-SPC15219 Datasheet
229Kb / 1P
   Metal Binding Post
SPC15239 ETC-SPC15239 Datasheet
91Kb / 1P
   15Pin High-Density D-Sub Connector, R/A PCB Mount
07/25/06
SPC15244 ETC2-SPC15244 Datasheet
99Kb / 2P
   D Sub Socket - High Density, 62 Ways
More results

Similar Description - SPC15269

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPC15412 ETC2-SPC15412 Datasheet
324Kb / 2P
   D-Sub Connector 9 Pin PCB Mount Plug
logo
Pepperl+Fuchs Inc.
LB9002A PF-LB9002A Datasheet
765Kb / 2P
   D-Sub plug 9-pin
2020-03-30
LB9001A PF-LB9001A Datasheet
736Kb / 2P
   D-Sub plug 9-pin
2020-03-30
LB9003A PF-LB9003A Datasheet
445Kb / 2P
   D-Sub plug 9-pin
2020-03-30
logo
Assmann Electronics Inc...
AK178-3 ASSMANN-AK178-3 Datasheet
46Kb / 1P
   D-Sub 9 Pin Male <=> D-Sub 9 Pin Female
logo
Japan Aviation Electron...
DELC-J9PAF-20L9E JAE-DELC-J9PAF-20L9E Datasheet
47Kb / 4P
   D-Sub Connector, PCB side connector, Right angle, Pin, 9 pos.
logo
SUYIN USA, INC.
070261MR SUYIN-USA-070261MR Datasheet
126Kb / 1P
   D-SUB 9 PIN MALE CONNECTOR
logo
Assmann Electronics Inc...
AK125-2-R ASSMANN-AK125-2-R Datasheet
106Kb / 1P
   D-Sub 9 Pin Female to D-Sub 25 Pin Male
AB915 ASSMANN-AB915 Datasheet
69Kb / 1P
   D-Sub 9-Pin Female to D-Sub 25-pin Female
logo
Adam Technologies, Inc.
DPD-09P-25S-B2 ADAM-TECH-DPD-09P-25S-B2 Datasheet
119Kb / 1P
   D-SUB 9 PIN MALE 25 PIN FEMALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com