Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS220230B Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # PS220230B
Description  PHASE SHIFTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

PS220230B Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  PS220230B Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION PS220230B Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION PS220230B Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2200 - 2300 MHz
OPTIMIZED BANDWIDTH
PHASE SHIFTER
SURFACE MOUNT MODEL:
PS220230B
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 1 of 3 ]
FEATURES:
Over 360º of Phase Shift
Low Control Voltage
Low VSWR
Small Size, Surface Mount
Lead Free Patented REL-PRO® Technology
SPECIFICATIONS
Frequency
2200 - 2300 MHz
Insertion Loss (dB)
Typ.
Max.
3.5
4.0
Control Bandwidth
DC - 10 MHz
Control Voltage
0 to 12 Volts
Control Current
20 uA (Max.)
Phase Shift
360º (Min.)
VSWR
1.6:1 (Typ.) / 2.0:1 (Max.)
RF Power
0 dBm (Nom.)
Impedance
50 Ohms (Nom.)
Operating Temperature Range -40 to +85 °C
Absolute Maximum Ratings
Storage Temp. Range
-55 to +100 ºC
RF Input Power
20 dBm
Contol Voltage
+20 V
Package # 307
PORT LOCATION
IN
OUT
CTRL
GND
No Connection
1
4
8
All Others
5


Similar Part No. - PS220230B

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS2200AA SENSORTECHNICS-PS2200AA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2200AC SENSORTECHNICS-PS2200AC Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2200GA SENSORTECHNICS-PS2200GA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2200GC SENSORTECHNICS-PS2200GC Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
PS2200VA SENSORTECHNICS-PS2200VA Datasheet
171Kb / 5P
   OEM silicon stainless steel pressure sensor
More results

Similar Description - PS220230B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PSD-2SH-1.9G MERRIMAC-PSD-2SH-1.9G Datasheet
96Kb / 1P
   PHASE SHIFTER
logo
SYNERGY MICROWAVE CORPO...
SPS-1300 SYNERGY-SPS-1300 Datasheet
343Kb / 3P
   PHASE SHIFTER
PS-352 SYNERGY-PS-352 Datasheet
330Kb / 3P
   PHASE SHIFTER
PS-117 SYNERGY-PS-117 Datasheet
319Kb / 3P
   PHASE SHIFTER
PS-901 SYNERGY-PS-901 Datasheet
389Kb / 3P
   PHASE SHIFTER
PS-909 SYNERGY-PS-909 Datasheet
303Kb / 3P
   PHASE SHIFTER
PS-923 SYNERGY-PS-923 Datasheet
374Kb / 3P
   PHASE SHIFTER
PS-927 SYNERGY-PS-927 Datasheet
320Kb / 3P
   PHASE SHIFTER
PS210220B SYNERGY-PS210220B Datasheet
353Kb / 3P
   PHASE SHIFTER
SPS-312 SYNERGY-SPS-312 Datasheet
355Kb / 3P
   PHASE SHIFTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com