Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBM-C4 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # SBM-C4
Description  BPSK MODULATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SBM-C4 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  SBM-C4 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SBM-C4 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SBM-C4 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2006 Synergy Microwave Corporation
BPSK MODULATORS
SURFACE MOUNT MODEL: SBM-C4
40 - 1150 MHz
SPECIFICATIONS
Carrier Frequency
40 - 1150 MHz
Insertion Loss (dB)
Freq. (MHz)
Typ.
Max.
40 - 150
3.8
5.0
150 - 900
3.2
4.5
900 - 1150
3.2
5.0
Phase Unbalance (Deg.) *
Freq. (MHz)
Typ.
Max.
40 - 150
±2
±4
150 - 900
±3
±6
900 - 1150
±2
±5
Amplitude Unbalance (dB)
Freq. (MHz)
Typ.
Max.
40 - 150
0.15
0.3
150 - 900
0.4
0.6
900 - 1150
0.4
0.6
1 dB Compression Point
+10 dBm (Nom.)
VSWR
Freq. (MHz)
Typ.
Max.
40 - 150
1.68:1
1.80:1
150 - 900
1.27:1
1.40:1
900 - 1150
1.21:1
1.35:1
Modulation (D1,D2)
±20 mA
Modulation Bandwidth
<10% of carrier frequency
Impedance
50 Ohms (Nom.)
Operating Temperature
Range
-40 to +85 °C
* From 0º/180º states
Note: Maximum RF input power without damage is 150 mW or ±40
mA.
Package # 129
PORT CONFIGURATION
Input
Output
D1
D2
GND.
No. Conn.
1
3
6
4
7,8,9,10
2,5
FUNCTIONAL DIAGRAM
FEATURES:
Wide Bandwidth
Good Phase & Amplitude Balance
Small Size
APPLICATIONS:
BPSK Modems
Wired & Wireless Networks


Similar Part No. - SBM-C4

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBM-40-LC LUMINUS-SBM-40-LC Datasheet
1Mb / 16P
   High optical output at 1A up to 133 Red lumens
SBM-40-RGBW-LC41-QC100 LUMINUS-SBM-40-RGBW-LC41-QC100 Datasheet
1Mb / 16P
   High optical output at 1A up to 133 Red lumens
SBM-40-RGBW-SC41-QD100 LUMINUS-SBM-40-RGBW-SC41-QD100 Datasheet
1Mb / 16P
   High optical output at 2 A: up to 253 Red lumens
SBM-40-SC LUMINUS-SBM-40-SC Datasheet
1Mb / 16P
   High optical output at 2 A: up to 253 Red lumens
logo
SYNERGY MICROWAVE CORPO...
SBM-K5 SYNERGY-SBM-K5 Datasheet
271Kb / 3P
   BPSK MODULATORS
More results

Similar Description - SBM-C4

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SBM-K5 SYNERGY-SBM-K5 Datasheet
271Kb / 3P
   BPSK MODULATORS
logo
BOWEI Integrated Circui...
BPM-01 BOWEI-BPM-01 Datasheet
132Kb / 1P
   BPSK Modulatior
logo
RF Micro Devices
RF9938 RFMD-RF9938 Datasheet
46Kb / 4P
   PCS UPCONVERTER/BPSK MODULATOR
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
   CDMA UPCONVERTER/BPSK MODULATOR
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
STMicroelectronics
STV0299B STMICROELECTRONICS-STV0299B Datasheet
242Kb / 36P
   QPSK/BPSK LINK IC
logo
Motorola, Inc
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com