Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB101M Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # BB101M
Description  Build in Biasing Circuit MOS FET IC UHF RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB101M Datasheet(HTML) 2 Page - Hitachi Semiconductor

  BB101M Datasheet HTML 1Page - Hitachi Semiconductor BB101M Datasheet HTML 2Page - Hitachi Semiconductor BB101M Datasheet HTML 3Page - Hitachi Semiconductor BB101M Datasheet HTML 4Page - Hitachi Semiconductor BB101M Datasheet HTML 5Page - Hitachi Semiconductor BB101M Datasheet HTML 6Page - Hitachi Semiconductor BB101M Datasheet HTML 7Page - Hitachi Semiconductor BB101M Datasheet HTML 8Page - Hitachi Semiconductor BB101M Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BB101M
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DS
6V
Gate 1 to source voltage
V
G1S
+6
–0
V
Gate 2 to source voltage
V
G2S
±6V
Drain current
I
D
25
mA
Channel power dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - BB101M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BB101M RENESAS-BB101M Datasheet
274Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
BB101MAU-TL-E RENESAS-BB101MAU-TL-E Datasheet
274Kb / 8P
   Built in Biasing Circuit MOS FET IC UHF RF Amplifier
More results

Similar Description - BB101M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB101C HITACHI-BB101C Datasheet
48Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301C HITACHI-BB301C Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB102C HITACHI-BB102C Datasheet
62Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302M HITACHI-BB302M Datasheet
61Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Renesas Technology Corp
BB505M RENESAS-BB505M Datasheet
187Kb / 9P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
logo
Hitachi Semiconductor
BB102M HITACHI-BB102M Datasheet
64Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB302C HITACHI-BB302C Datasheet
58Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB304C HITACHI-BB304C Datasheet
67Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB301M HITACHI-BB301M Datasheet
46Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
BB601M HITACHI-BB601M Datasheet
67Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com