Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4W-V25R Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # Z4W-V25R
Description  Low-cost Displacement Sensor with 10-micron Resolution with Red LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z4W-V25R Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button Z4W-V25R Datasheet HTML 5Page - Omron Electronics LLC Z4W-V25R Datasheet HTML 6Page - Omron Electronics LLC Z4W-V25R Datasheet HTML 7Page - Omron Electronics LLC Z4W-V25R Datasheet HTML 8Page - Omron Electronics LLC Z4W-V25R Datasheet HTML 9Page - Omron Electronics LLC Z4W-V25R Datasheet HTML 10Page - Omron Electronics LLC Z4W-V25R Datasheet HTML 11Page - Omron Electronics LLC Z4W-V25R Datasheet HTML 12Page - Omron Electronics LLC Z4W-V25R Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Z4W-V
Z4W-V
Dimensions
Mounting Holes
20.3
11.4
10.5
Measurement point
28
5
50
50
45
(25)
Measurement point
Cord length: 5 m
Cord: 3.8 dia.
30
°
13.5
2.3
5.3
Measurement point
28
(8.5)
(70)
Measurement point
Two, M4
screws
Emitting
axis
Emitting
axis
Emitting
axis
Two, 5 dia.
holes
Mounting Holes
With Mounting Bracket 1
Two, M4
25
A*
11.4
10.5
12
12
4.5
10.5
R27
4.5
10
32.3
22.2
42.5**
Measurement point
42
5.5
12.5
37
50
28
22.5
55.5
57.8
22
20.3
Measurement point
* A mounting bracket can be attached to
this face of the sensor.
** This distance can be extended up to 44.5
mm. When this distance is 44.5 mm in
length, the angle of the optical axis can be
adjusted after mounting by approximately
±5 max.
Two mounting
holes
Two, M4
screws
Emitting
axis
Emitting
axis


Similar Part No. - Z4W-V25R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z4W121-RC-10 SUPERWORLD-Z4W121-RC-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
Z4W151-RC-10 SUPERWORLD-Z4W151-RC-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
Z4W221-RC-10 SUPERWORLD-Z4W221-RC-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
KEC(Korea Electronics)
Z4W27V KEC-Z4W27V Datasheet
45Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
Superworld Electronics
Z4W301-RB-10 SUPERWORLD-Z4W301-RB-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
More results

Similar Description - Z4W-V25R

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31015 ZMD-ZMD31015_10 Datasheet
163Kb / 2P
   RBicdLite Low-Cost Sensor Signal Conditioner with Diagnostics
logo
Analog Devices
AD2025 AD-AD2025_15 Datasheet
1Mb / 4P
   LOW COST 4 DIGIT DPMS WITH LED DISPLAYS
AD2028 AD-AD2028_15 Datasheet
1Mb / 4P
   LOW COST 4 DIGIT DPMS WITH LED DISPLAYS
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014_1 Datasheet
1Mb / 2P
   RBic Low-Cost Sensor Signal Conditioner with I2C & SPI
logo
Analog Devices
AD561JNZ AD-AD561JNZ Datasheet
213Kb / 8P
   Low Cost 10-Bit Low Cost 10-Bit
REV. A
logo
Vishay Siliconix
VCNL3036X01 VISHAY-VCNL3036X01 Datasheet
238Kb / 16P
   High Resolution Digital Proximity Sensor With I2C Interface
01-Jan-2022
logo
Omron Electronics LLC
E2CA OMRON-E2CA Datasheet
588Kb / 12P
   Linear Output Proximity Sensor with High-accuracy Resolution
logo
Vishay Siliconix
VCNL3036X01 VISHAY-VCNL3036X01_V01 Datasheet
239Kb / 16P
   High Resolution Digital Proximity Sensor With I2C Interface
01-Jan-2023
logo
WAGO Kontakttechnik Gmb...
286-822 WAGO-286-822 Datasheet
119Kb / 4P
   Component module with LED; Red LED; with common cathode
23.11.2021
logo
Intersil Corporation
ISL97687IRTZ-T INTERSIL-ISL97687IRTZ-T Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com