Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z10D821 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # Z10D821
Description  METAL OXIDE VARISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Z10D821 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  Z10D821 Datasheet HTML 1Page - List of Unclassifed Manufacturers Z10D821 Datasheet HTML 2Page - List of Unclassifed Manufacturers Z10D821 Datasheet HTML 3Page - List of Unclassifed Manufacturers Z10D821 Datasheet HTML 4Page - List of Unclassifed Manufacturers Z10D821 Datasheet HTML 5Page - List of Unclassifed Manufacturers Z10D821 Datasheet HTML 6Page - List of Unclassifed Manufacturers Z10D821 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
33
1013482_石塚プロダク_P02-33_四 11.2.22 13:55 ページ 34


Similar Part No. - Z10D821

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
Z10-100B FRONTIER-Z10-100B Datasheet
469Kb / 3P
   1W AXIAL LEAD ZENER DIODES, 100V ??330V
Z10-105B FRONTIER-Z10-105B Datasheet
469Kb / 3P
   1W AXIAL LEAD ZENER DIODES, 100V ??330V
Z10-110 FRONTIER-Z10-110 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
More results

Similar Description - Z10D821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
   Metal Oxide Varistor
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVR ETC-JVR Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com