Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR750UTAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # AVR750UTAA
Description  TAA Compliant AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR750UTAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  AVR750UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR750UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR750UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR750UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AVR750UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAA Compliant AVR Series 750VA Ultra-compact
Line-Interactive 120V UPS with USB port
MODEL NUMBER: AVR750UTAA
Description
Tripp Lite's AVR750UTAA Ultra-Compact Line Interactive UPS offers complete power protection for desktop
PCs, network workstations and a wide variety of professional and consumer electronic devices. Uninterruptible
Power Supply / UPS circuits switch to battery backup mode within milliseconds to keep connected equipment
running without interruption or data loss during power failures. Automatic Voltage Regulation / AVR power
conditioning maintains smooth, continuous operation of connected equipment during brownouts and
overvoltages. Surge-only outlets offer convenient protection for printers and other desktop accessories not
requiring battery support. AC and dataline surge suppression prevents connected equipment damage. USB communications port supports built-in power
management and auto-shutdown features of Windows and Mac OS X or full featured monitoring and data-saving auto-shutdown options using Tripp Lite's free
PowerAlert monitoring software.
Features
Federal Trade Agreements Act / TAA Compliant for GSA Schedule purchases
AVR750UTAA ultra-compact 120V line interactive UPS offers complete AC power protection from blackouts, brownouts and transient surges
750VA / 450 watt UPS output capacity
Uninterruptible Power Supply / UPS operation maintains battery-derived AC output during blackouts to prevent data loss and system downtime for
connected equipment
Built-in USB port enables data-saving unattended shutdown when used with Tripp Lite's PowerAlert software, available via FREE download from
www.tripplite.com
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Automatic Voltage Regulation / AVR corrects extended brownouts and overvoltages from 83 to 147V, without using battery power
3 minutes runtime at 100% load (450 watts), 8.6 minutes runtime at 50% load (225 watts)
44 minutes runtime for a desktop computer system consuming 80 watts continuous
12 built-in NEMA 5-15R outlets, two with extra wide spacing to accommodate transformer plugs
6 UPS battery backup outlets, plus 6 additional surge-only outlets
Right angle NEMA 5-15P input connection with 6ft / 1.8m line cord
Network grade AC surge and lightning protection is available from all outlets; Built-in data line surge suppression protects a single dialup or DSL line
Highlights
Federal Trade Agreements Act /
TAA Compliant for GSA
Schedule purchases
750VA ultra-compact 120V line
interactive UPS
Corrects brownouts and
overvoltages from 83V to 147V
6 UPS outlets, 6 surge-only
outlets, USB, TEL/DSL
protection, Wall mountable, 98%
efficient
NEMA 5-15P input plug and 12
NEMA 5-15R outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Package Includes
AVR750UTAA UPS System
USB cable
Instruction manual
1 / 5


Similar Part No. - AVR750UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AVR750UTAA TRIPPLITE-AVR750UTAA_15 Datasheet
532Kb / 5P
   TAA-Compliant AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
More results

Similar Description - AVR750UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR700UXRM TRIPPLITE-AVR700UXRM Datasheet
527Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR750UTAA TRIPPLITE-AVR750UTAA_15 Datasheet
532Kb / 5P
   TAA-Compliant AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
logo
List of Unclassifed Man...
AVR750U ETC2-AVR750U Datasheet
529Kb / 6P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVRX750UD TRIPPLITE-AVRX750UD Datasheet
531Kb / 4P
   AVR Series 750VA Ultra-compact Line-Interactive 230V UPS
AVRX750UF TRIPPLITE-AVRX750UF Datasheet
530Kb / 4P
   AVR Series 750VA Ultra-compact Line-Interactive 230V UPS
SMART750USBTAA TRIPPLITE-SMART750USBTAA Datasheet
496Kb / 5P
   TAA-Compliant SmartPro 120V 750VA 450W Line-Interactive UPS, AVR (Boost only), Tower, USB
AVR900UTAA TRIPPLITE-AVR900UTAA_15 Datasheet
526Kb / 4P
   TAA-Compliant AVR Series 120V 900VA 480 Ultra-Compact Line-Interactive UPS with USB port
AVR750U TRIPPLITE-AVR750U_15 Datasheet
529Kb / 5P
   AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
AVR650UM TRIPPLITE-AVR650UM Datasheet
524Kb / 5P
   AVR Series 650VA Ultra-compact Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com