Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT850UPS Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # HT850UPS
Description  Home Theater Ultra-compact Line-Interactive 120V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HT850UPS Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  HT850UPS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved HT850UPS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
63.8
Battery Mode BTU / Hr. (Full Load)
431.5
AC Mode Efficiency Rating (100%
Load)
96%
COMMUNICATIONS
Communications Interface
USB (HID enabled)
PowerAlert Software
Free download from www.tripplite.com
Communications Cable
USB interface cable included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
Network UPS Tools Compatibility
NUT compatible. See the full list of Tripp Lite NUT compatible UPS systems at
http://www.networkupstools.org/stable-hcl.html?manufacturer=Tripp Lite
LINE / BATTERY TRANSFER
Transfer Time
2 to 4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
83
High Voltage Transfer to Battery
Power (Setpoint)
147
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Hot swappable batteries
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$100,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
4 / 5


Similar Part No. - HT850UPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT850UPS ETC2-HT850UPS Datasheet
520Kb / 6P
   Home Theater Ultra-compact Line-Interactive 120V UPS with USB port
More results

Similar Description - HT850UPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT850UPS ETC2-HT850UPS Datasheet
520Kb / 6P
   Home Theater Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVR550U TRIPPLITE-AVR550U Datasheet
526Kb / 4P
   AVR Series 550VA Ultra-compact Line-Interactive 120V UPS
AVR700U TRIPPLITE-AVR700U Datasheet
522Kb / 5P
   AVR Series 700VA Ultra-compact Line-Interactive 120V UPS
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR650UM TRIPPLITE-AVR650UM Datasheet
524Kb / 5P
   AVR Series 650VA Ultra-compact Line-Interactive 120V UPS
AVR700UXRM TRIPPLITE-AVR700UXRM Datasheet
527Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
AVR750UTAA TRIPPLITE-AVR750UTAA Datasheet
532Kb / 5P
   TAA Compliant AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
logo
List of Unclassifed Man...
AVR550U ETC2-AVR550U Datasheet
531Kb / 6P
   AVR Series 550VA Ultra-compact Line-Interactive 120V UPS with USB port
AVR900U ETC2-AVR900U Datasheet
530Kb / 6P
   AVR Series 900VA Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVR900U TRIPPLITE-AVR900U Datasheet
527Kb / 5P
   AVR Series 900VA Ultra-compact Line-Interactive 120V UPS with USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com