Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD-K2B Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # SMD-K2B
Description  DOUBLE-BALANCED MIXER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SMD-K2B Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  SMD-K2B Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SMD-K2B Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2006 Synergy Microwave Corporation
DOUBLE-BALANCED MIXER
SURFACE MOUNT MODEL: SMD-K2B
WIDE BANDWIDTH
5 - 2000 MHz
LO=+7 dBm, RF=-10 dBm, IF=RF-LO
0
5
10
15
20
25
5
205
405
605
805
1005
1205
1405
1605
1805
2005
RF Input Frequency (MHz)
50 MHz
100 MHz
500 MHz
1000 MHz
0
10
20
30
40
50
60
70
5
205
405
605
805
1005
1205
1405
1605
1805
2005
Frequency (MHz)
LO-IF
LO-RF
RF-IF


Similar Part No. - SMD-K2B

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMD-K2 SYNERGY-SMD-K2 Datasheet
295Kb / 6P
   DOUBLE-BALANCED MIXER
More results

Similar Description - SMD-K2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com