Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB403 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # BB403
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB403 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button BB403 Datasheet HTML 2Page - Hitachi Semiconductor BB403 Datasheet HTML 3Page - Hitachi Semiconductor BB403 Datasheet HTML 4Page - Hitachi Semiconductor BB403 Datasheet HTML 5Page - Hitachi Semiconductor BB403 Datasheet HTML 6Page - Hitachi Semiconductor BB403 Datasheet HTML 7Page - Hitachi Semiconductor BB403 Datasheet HTML 8Page - Hitachi Semiconductor BB403 Datasheet HTML 9Page - Hitachi Semiconductor BB403 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BB403M
6
20
16
12
8
4
0
12
3
4
5
20
16
12
8
4
0
12
34
5
V
= 5 V
V
= 4 V
R
= 470 k
DS
G
4.5
V
V
= 5 V
R
= 470 k
DS
G
V
= 5
V
G1
4 V
3 V
3.5
V
G2S
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
25
20
15
10
5
0
10
20
30
40
50
V
= 5 V
V
= 4 V
DS
G2S
V
= 5 V
DS
2 V
1.5 V
V
= 1 V
G2S
3.5 V
4 V
3 V
2.5 V
Drain Current vs. Gate1 Voltage
Drain Current vs.
Gate2 to Source Voltage
Gate2 to Source Voltage
V
(V)
G2S
Gate1 Voltage
V
(V)
G1
Gate1 Current vs.
Gate1 to Source Voltage
Drain Current vs. Gate1 Current
Gate1 Current
I
(
µA)
G1
Gate1 to Source Voltage
V
(V)
G1S


Similar Part No. - BB403

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
BB400 BUSBOARD-BB400 Datasheet
1Mb / 3P
   Solderless Plug-in BreadBoard with 400 tie-points and 4 power rails.
BB400-KIT BUSBOARD-BB400-KIT Datasheet
520Kb / 2P
   A 400 tie-point Solderless BreadBoard, 10cm ZipWire™ Cables, 3AA Battery Box and a green LED with resistor
logo
Hitachi Semiconductor
BB402M HITACHI-BB402M Datasheet
64Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB404 HITACHI-BB404 Datasheet
67Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
List of Unclassifed Man...
BB404A ETC1-BB404A Datasheet
337Kb / 3P
   SCHOTTKY DIODES
More results

Similar Description - BB403

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB501M HITACHI-BB501M Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503M HITACHI-BB503M Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305C HITACHI-BB305C Datasheet
66Kb / 12P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
logo
Renesas Technology Corp
BB504M RENESAS-BB504M Datasheet
100Kb / 10P
   Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
logo
Hitachi Semiconductor
BB504C HITACHI-BB504C Datasheet
80Kb / 11P
   Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
BB402M HITACHI-BB402M Datasheet
64Kb / 11P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB405M HITACHI-BB405M Datasheet
59Kb / 10P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB503C HITACHI-BB503C Datasheet
64Kb / 13P
   Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com