Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC04SJX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74AC04SJX
Description  Hex Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC04SJX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74AC04SJX Datasheet HTML 1Page - Fairchild Semiconductor 74AC04SJX Datasheet HTML 2Page - Fairchild Semiconductor 74AC04SJX Datasheet HTML 3Page - Fairchild Semiconductor 74AC04SJX Datasheet HTML 4Page - Fairchild Semiconductor 74AC04SJX Datasheet HTML 5Page - Fairchild Semiconductor 74AC04SJX Datasheet HTML 6Page - Fairchild Semiconductor 74AC04SJX Datasheet HTML 7Page - Fairchild Semiconductor 74AC04SJX Datasheet HTML 8Page - Fairchild Semiconductor 74AC04SJX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC04, 74ACT04 Rev. 1.0
4
DC Electrical Characteristics for ACT
Notes:
4. All outputs loaded; thresholds on input associated with output under test.
5. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC
(V)
Conditions
TA = +25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW Level
Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH Level
Output Voltage
4.5
IOUT = –50µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
VIN = VIL or VIH:
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(4)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
4.5
IOL= 24mA
0.36
0.44
5.5
IOL= 24mA
(4)
0.36
0.44
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC – 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
Output Current(5)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA


Similar Part No. - 74AC04SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC04SJ FAIRCHILD-74AC04SJ Datasheet
104Kb / 8P
   Hex Inverter
74AC04SJ FAIRCHILD-74AC04SJ Datasheet
305Kb / 10P
   Hex Inverter
74AC04SJ FAIRCHILD-74AC04SJ Datasheet
306Kb / 10P
   Hex Inverter
74AC04SJ FAIRCHILD-74AC04SJ Datasheet
306Kb / 10P
   Hex Inverter
logo
ON Semiconductor
74AC04SJ ONSEMI-74AC04SJ Datasheet
311Kb / 10P
   Hex Inverter
September 2007 Rev. 1.0
More results

Similar Description - 74AC04SJX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com