Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JF24S15-1000 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # JF24S15-1000
Description  DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JF24S15-1000 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  JF24S15-1000 Datasheet HTML 1Page - Wall Industries,Inc. JF24S15-1000 Datasheet HTML 2Page - Wall Industries,Inc. JF24S15-1000 Datasheet HTML 3Page - Wall Industries,Inc. JF24S15-1000 Datasheet HTML 4Page - Wall Industries,Inc. JF24S15-1000 Datasheet HTML 5Page - Wall Industries,Inc. JF24S15-1000 Datasheet HTML 6Page - Wall Industries,Inc. JF24S15-1000 Datasheet HTML 7Page - Wall Industries,Inc. JF24S15-1000 Datasheet HTML 8Page - Wall Industries,Inc. JF24S15-1000 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
(888) 597-WALL
www.wallindustries.com
1 of 15
TECHNICAL DATASHEET
JF24S15-1000
DC/DC Converter
18-36 VDC Input
15 VDC Output at 1.0A
Applications:
Distributed Power Architectures
Communication Equipment
Computer Equipment
Test Equipment
Options:
Positive Remote ON/OFF
On/Off Control Function
Trim Function
Surface Mount
Features:
RoHS Directive Compatible
Low Profile: 1.10 x 0.94 x 0.335 inches
Industry Standard Pin-Out
2:1 Wide Input Voltage of 18-36, 36-75VDC
15 Watts Output Power
Over-Current Protection, Auto-Recovery
Output Over Voltage Protection
Under Voltage Lockout
Remote On/Off Control
Adjustable Output Voltage
ISO 9001 Certified Manufacturing Facilities
UL60950-1
TUV EN60950-1
CB
CE Mark
Input to Output Isolation: 2250VDC, min
Approved for Basic Insulation
Description:
JF Series single output DC/DC converters provide up to 15 watts of output power in an industry standard package and
footprint. These units are specifically designed to meet the power needs of low profile. All models feature a wide input
range, comprehensively protected against over-current, over-voltage, and input under-voltage protection conditions, and
trimmable output voltage. The JF Series converters are especially suited to Network, Data processing, Wireless and
Enterprise equipment and microprocessor, intermediate bus voltage power application.
UL
TUV
CB
CE Mark


Similar Part No. - JF24S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF24S15-1000 WALL-JF24S15-1000 Datasheet
646Kb / 6P
   15W Open Frame DC/DC Power Converters
JF24S15-1000 WALL-JF24S15-1000 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
More results

Similar Description - JF24S15-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com