Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JF48S3.3-3500 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # JF48S3.3-3500
Description  DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JF48S3.3-3500 Datasheet(HTML) 6 Page - Wall Industries,Inc.

Back Button JF48S3.3-3500 Datasheet HTML 2Page - Wall Industries,Inc. JF48S3.3-3500 Datasheet HTML 3Page - Wall Industries,Inc. JF48S3.3-3500 Datasheet HTML 4Page - Wall Industries,Inc. JF48S3.3-3500 Datasheet HTML 5Page - Wall Industries,Inc. JF48S3.3-3500 Datasheet HTML 6Page - Wall Industries,Inc. JF48S3.3-3500 Datasheet HTML 7Page - Wall Industries,Inc. JF48S3.3-3500 Datasheet HTML 8Page - Wall Industries,Inc. JF48S3.3-3500 Datasheet HTML 9Page - Wall Industries,Inc. JF48S3.3-3500 Datasheet HTML 10Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TECHNICAL DATASHEET
JF48S3.3-3500
(888) 597-WALL
www.wallindustries.com
Page 6 of 15
External Trim Adjustment
Output voltage set point adjustment allows the user to increase or decrease the output voltage set point of a
module. This is accomplished by connecting an external resistor between the TRIM pin and either the +Vout or
-Vout pins. With an external resistor between the TRIM and +Vout pin, the output voltage set point decreases.
With an external resistor between the TRIM and -Vout pin, the output voltage set point increases.
Vo+ is the desired up output voltage
Vo- is the desired down output voltage
Trim
Vo+
Rup
Vo
Rdown
1%
3.333V 385.071 kΩ
3.267V
116.719 kΩ
2%
3.366V 191.511 kΩ
3.234V
54.779 kΩ
3%
3.399V
126.99 kΩ
3.201V
34.133 kΩ
4%
3.432V
94.73 kΩ
3.168V
23.810 kΩ
5%
3.465V
75.374 kΩ
3.135V
17.616 kΩ
6%
3.498V
62.47 kΩ
3.102V
13.486 kΩ
7%
3.531V
53.253 kΩ
3.069V
10.537 kΩ
8%
3.564V
46.34 kΩ
3.036V
8.325 kΩ
9%
3.597V
40.963 kΩ
3.003V
6.604 kΩ
10%
3.63V
36.662 kΩ
2.97V
5.228 kΩ
(in Ω)
Table 3 Trim Resistor Values
(in Ω)
RT2
RT1
-Vout
Trim
+Vout
+Vin
-Vin
Figure 4
2050
8
.
0
5
.
2
5
.
2
5110
=
+
o
up
V
R
2050
)
(
5110
)
5
.
2
(
=
o
out
o
down
V
V
V
R


Similar Part No. - JF48S3.3-3500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S3.3-3500 WALL-JF48S3.3-3500 Datasheet
646Kb / 6P
   15W Open Frame DC/DC Power Converters
JF48S3.3-3500 WALL-JF48S3.3-3500 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
More results

Similar Description - JF48S3.3-3500

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com