Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JF48S5-3000 Datasheet(PDF) 9 Page - Wall Industries,Inc.

Part # JF48S5-3000
Description  DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JF48S5-3000 Datasheet(HTML) 9 Page - Wall Industries,Inc.

Back Button JF48S5-3000 Datasheet HTML 5Page - Wall Industries,Inc. JF48S5-3000 Datasheet HTML 6Page - Wall Industries,Inc. JF48S5-3000 Datasheet HTML 7Page - Wall Industries,Inc. JF48S5-3000 Datasheet HTML 8Page - Wall Industries,Inc. JF48S5-3000 Datasheet HTML 9Page - Wall Industries,Inc. JF48S5-3000 Datasheet HTML 10Page - Wall Industries,Inc. JF48S5-3000 Datasheet HTML 11Page - Wall Industries,Inc. JF48S5-3000 Datasheet HTML 12Page - Wall Industries,Inc. JF48S5-3000 Datasheet HTML 13Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TECHNICAL DATASHEET
JF48S5-3000
(888) 597-WALL
www.wallindustries.com
Page 9 of 15
TEST SETUP:
The JF48S5-3000 specifications are tested with the following configurations:
Input Reflected-Ripple Current Measurement Test Setup
Peak-to-Peak Output Ripple & Noise Measurement Setup
Output Voltage and Efficiency Measurement Setup
NOTE: All measurements are taken at the module terminals
%
100
×
×
×
=
Iin
Vin
Iout
Vout
Efficiency
Figure 5
Figure 6
Figure 7


Similar Part No. - JF48S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S5-3000 WALL-JF48S5-3000 Datasheet
646Kb / 6P
   15W Open Frame DC/DC Power Converters
JF48S5-3000 WALL-JF48S5-3000 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
More results

Similar Description - JF48S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com