Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA12177 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA12177
Description  Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12177 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA12177 Datasheet HTML 1Page - Hitachi Semiconductor HA12177 Datasheet HTML 2Page - Hitachi Semiconductor HA12177 Datasheet HTML 3Page - Hitachi Semiconductor HA12177 Datasheet HTML 4Page - Hitachi Semiconductor HA12177 Datasheet HTML 5Page - Hitachi Semiconductor HA12177 Datasheet HTML 6Page - Hitachi Semiconductor HA12177 Datasheet HTML 7Page - Hitachi Semiconductor HA12177 Datasheet HTML 8Page - Hitachi Semiconductor HA12177 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
HA12173 Series
Rev.1, Nov. 1992, page 4 of 66
Pin Description (V
CC = 9 V Single supply, Ta = 25°C, No signal, The value in the table
show typical value) (cont)
Pin No.
Terminal
name
Zin
DC
voltage Equivalent circuit
Description
43, 56
EQ OUT
V
CC/2
GND
V CC
Equalizer output
6, 37
PB OUT
Play back
(Decode) output
30
MS V
REF
Reference
voltage buffer
output
26
MA OUT
Music sensor
amp output
47, 52
V
REF
Reference
voltage buffer
output
12, 31
REC OUT
Recording
(Encode) output
8, 35
SS2
Spectral skewing
amp. output
44, 55
EQ OUT-M
V
CC/2
GND
VCC
Equalizer output
(Metal)


Similar Part No. - HA12177

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12170NT HITACHI-HA12170NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
More results

Similar Description - HA12177

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com