Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFW48S3.3-4000 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # JFW48S3.3-4000
Description  DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFW48S3.3-4000 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  JFW48S3.3-4000 Datasheet HTML 1Page - Wall Industries,Inc. JFW48S3.3-4000 Datasheet HTML 2Page - Wall Industries,Inc. JFW48S3.3-4000 Datasheet HTML 3Page - Wall Industries,Inc. JFW48S3.3-4000 Datasheet HTML 4Page - Wall Industries,Inc. JFW48S3.3-4000 Datasheet HTML 5Page - Wall Industries,Inc. JFW48S3.3-4000 Datasheet HTML 6Page - Wall Industries,Inc. JFW48S3.3-4000 Datasheet HTML 7Page - Wall Industries,Inc. JFW48S3.3-4000 Datasheet HTML 8Page - Wall Industries,Inc. JFW48S3.3-4000 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TECHNICAL DATASHEET
JFW48S3.3-4000
(888) 597-WALL
www.wallindustries.com
Page 5 of 16
Remote ON/OFF Control
The Remote ON/OFF Pin is controlled DC/DC power module to turn on and off; the user must use a switch to
control the logic voltage high or low level of the pin referenced to Vi (-). The switch can be open collector
transistor, FET and Photo-Couple. The switch must be capable of sinking up to 1mA at low-level logic Voltage.
High-level logic of the ON/OFF signal maximum voltage is allowable leakage current of the switch at 15V is
50uA.
Remote ON/OFF Implementation Circuits
Isolated-Closure Remote ON/OFF
Level Control Using TTL Output
Level Control Using Line Voltage
There are two remote control options available, positive logic and negative logic.
a. The Positive logic structure turned on the DC/DC module when the ON/OFF pin is at high-level logic
and low-level logic is turned off it.
When JFW module is turned off at Low-level logic
When JFW module is turned on at High-level logic
b. The Negative logic structure turned on the DC/DC module when the ON/OFF pin is at low-level logic
and turned off when at high-level logic.
When JFW module is turned on at Low-level logic
When JFW module is turned off at High-level logic
Figure 4
Figure 5
Figure 6


Similar Part No. - JFW48S3.3-4000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFW48S3.3-4000 WALL-JFW48S3.3-4000 Datasheet
486Kb / 6P
   15W Open Frame DC/DC Power Converters
JFW48S3.3-4000 WALL-JFW48S3.3-4000 Datasheet
331Kb / 5P
   Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
More results

Similar Description - JFW48S3.3-4000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com