Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ48S5-100R Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # MPQ48S5-100R
Description  100 W DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MPQ48S5-100R Datasheet(HTML) 2 Page - Wall Industries,Inc.

  MPQ48S5-100R Datasheet HTML 1Page - Wall Industries,Inc. MPQ48S5-100R Datasheet HTML 2Page - Wall Industries,Inc. MPQ48S5-100R Datasheet HTML 3Page - Wall Industries,Inc. MPQ48S5-100R Datasheet HTML 4Page - Wall Industries,Inc. MPQ48S5-100R Datasheet HTML 5Page - Wall Industries,Inc. MPQ48S5-100R Datasheet HTML 6Page - Wall Industries,Inc. MPQ48S5-100R Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APPLICATION NOTES
WALL INDUSTRIES, INC.
(888) 597-WALL
www.wallindustries.com
2
Technical Specifications
M
Mo
od
deell N
No
o.. MPQ48S5-100R
All specifications are based on 25C, Nominal Line and Full Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
Related condition
MIN
NOM
MAX
Unit Measured
INPUT
Turn on at
35
Volt DC
Turn off at
34
Volt DC
Input Over voltage Shutdown
Turn off at
n/a
Volt DC
Turn on at
n/a
Volt DC
Operating Voltage Range
Rated Input Voltage
36
48
75
Volt DC
Maximum Input Current
Low Line 100% load
3
A
No Load Input Current
94
mA
Input Current under “LOGIC OFF”
1
mA
Inrush Current Transient Rating
1
A
2 Sec
Reflected Ripple Current
12uH / 33 uF input filter
6
mA
OUTPUT
Output Voltage Set point
4.95
5
5.05
Volt DC
Output Voltage Regulation
Over Load
± 0.2
%
Over Line
± 0.2
%
Over Temperature
0.02
% /
oC
Output Voltage Ripple and Noise
Basic Ripple
70
150
mV
Spikes P-P
100
150
mV
Output Current Ranges
Rated Output Current
0
20
A
Output Current Limit
Self Resetting
22
26
30
A
Short Term Output Current Surge
A/sec
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
120 Hz
60
dB
Output Transient and Load Changes
Load step /
V
X
50 to 75%
50 to 100%
130
mV
Load step /
V
X
75 to 50%
100 to 50 %
90
mV
Recovery Time
To within 1% Rated Vo
50
sec
Turn on Delay
From Vin(nom) to 90% Vout (nom)
25
msec
Overshoot of Output Voltage
Full Load Resistive
0
%
EFFICIENCY
@ 100% load
91
%
@ 75% load
92
%
@ 50% load
92
%
@ 25% load
87
%
TEMPERATURE CONSIDERATIONS
Thermal Resistance
Normal Convection
R c-a
oC/Watt
100 lfm
oC/Watt
200 lfm
oC/Watt
300 lfm
oC/Watt
400 lfm
oC/Watt
Heatsink Considerations
Available, Contact Factory
General Technical Data
Switching Frequency
Fixed
330
KHz
Remote ON OFF Control
Acitve HIGH or LOW
High/Low TTL
Trimmablility
4.5
5.5
Volt DC
Over Temperature Shutdown
PCB Temperature
125
oC
MTBF
Bellcore TR-332
1.81 E6
Hours
MPQ48S5-100R
Rev
B
Note: Positive Remote ON/OFF control is standard. To order negative logic Remote ON/OFF control add the suffix "R" to the part number.


Similar Part No. - MPQ48S5-100R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MPQ48S5-100 WALL-MPQ48S5-100 Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
MPQ48S5-100CRHS WALL-MPQ48S5-100CRHS Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - MPQ48S5-100R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MPQ48S24-100 WALL-MPQ48S24-100 Datasheet
389Kb / 7P
   100 W DC-DC Converter
logo
Bel Fuse Inc.
RQB-100Y BEL-RQB-100Y Datasheet
1Mb / 14P
   100 W Isolated DC-DC Converter
06 Mai 2022
logo
HY-LINE Power Component...
P100A2405S HY-LINE-P100A2405S Datasheet
1Mb / 7P
   100 W DC-DC Converter P100A-Series
Rev: 20190820 f
P100B4805S HY-LINE-P100B4805S Datasheet
1Mb / 7P
   100 W DC-DC Converter P100B-Series
Rev: 20190820 f
logo
Texas Instruments
PT4473 TI-PT4473 Datasheet
174Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com