Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-AA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AL-AA
Description  Primary Batteries Alkaline, Heavy Duty
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL-AA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AL-AA Datasheet HTML 2Page - List of Unclassifed Manufacturers AL-AA Datasheet HTML 3Page - List of Unclassifed Manufacturers AL-AA Datasheet HTML 4Page - List of Unclassifed Manufacturers AL-AA Datasheet HTML 5Page - List of Unclassifed Manufacturers AL-AA Datasheet HTML 6Page - List of Unclassifed Manufacturers AL-AA Datasheet HTML 7Page - List of Unclassifed Manufacturers AL-AA Datasheet HTML 8Page - List of Unclassifed Manufacturers AL-AA Datasheet HTML 9Page - List of Unclassifed Manufacturers AL-AA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Approx.
mAh
Load
Current
Capacity
Application & Duty Cycle
(ohms) (mA at 1.2V)
1.2V
1.1V
1.0V
0.9V
to 0.9V
Radio (4 Hrs/Day)
43
28
59
69
80
88
2535
Cassette (1 Hr/Day)
10
120
10
14
16
19
2216
Toy/Game (1 Hr/Day)
3.9
308
2
4
6
7
1907
Flashlight (Continuous)
3.9
308
2
4
5
6
1785
Photo (15 Sec/Min – 24 Hrs/Day) 1.8
667
660
1646
b. AA Size Alkaline Battery
Rayovac No.:
815
Nominal Voltage:
1.5 volts
System:
Primary Alkaline
ANSI/NEDA No.:
15A (AA)
IEC No.:
LR6
Approximate Volume:
.48 cu. in. (7.87 cu. cm.)
Approximate Weight:
0.8 oz. (22.9 gm.)
Terminals:
Flashlight
Shell:
Plastic
Environmental:
Meets Environmental
Protection Agency (EPA)
requirements for landfill
disposal. No mercury added
formulation.
Estimated Average Service At 70°F (Hours)
Cutoff Voltage
1.929"–1.988"
(49.0–50.5MM)
OVERALL HEIGHT
.531"–.571" OVERALL DIAMETER
(13.5–14.5MM)
.217" MAXIMUM DIAMETER
(5.5MM)
.039" (1MM)
MIN HEIGHT
6
Dimensions shown are ANSI/IEC standards.
Quality Systems
Certification:
CS17336 OEM150 GUIDE
6/24/99 4:37 PM
Page 6


Similar Part No. - AL-AA

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-00-1B000C80 A-BRIGHT-AL-00-1B000C80 Datasheet
289Kb / 6P
   High Power-LED Lamps
AL-00-1B000C80 A-BRIGHT-AL-00-1B000C80 Datasheet
289Kb / 6P
   High Power
AL-00-1B000C80 A-BRIGHT-AL-00-1B000C80_15 Datasheet
289Kb / 6P
   High Power
AL-00-1OR00CAC A-BRIGHT-AL-00-1OR00CAC Datasheet
289Kb / 6P
   High Power-LED Lamps
AL-00-1OR00CAC A-BRIGHT-AL-00-1OR00CAC Datasheet
289Kb / 6P
   High Power
More results

Similar Description - AL-AA

ManufacturerPart #DatasheetDescription
logo
Dubilier
LR20X DUBILIER-LR20X Datasheet
90Kb / 1P
   BATTERIES ALKALINE
logo
Murata Manufacturing Co...
LR1130 MURATA1-LR1130 Datasheet
472Kb / 2P
   Alkaline manganese batteries
logo
Power-One
V4020 POWER-ONE-V4020 Datasheet
100Kb / 1P
   Primary Alkaline Manganese Clindrical
logo
List of Unclassifed Man...
CR-V3 ETC2-CR-V3 Datasheet
167Kb / 2P
   Primary lithium batteries
ER14505 ETC2-ER14505 Datasheet
109Kb / 2P
   Primary lithium batteries
ER13150 ETC2-ER13150 Datasheet
129Kb / 2P
   Primary lithium batteries
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com