Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QAW48S12-40 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # QAW48S12-40
Description  QAW48S12-40
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

QAW48S12-40 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  QAW48S12-40 Datasheet HTML 1Page - Wall Industries,Inc. QAW48S12-40 Datasheet HTML 2Page - Wall Industries,Inc. QAW48S12-40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APPLICATION NOTES
Q A W S E R I E S
3
TYPICAL OUTPUT RIPPLE
50mV/div, 2uS/div, full load, 18Vin
0.1uF decoupling cap at room temp
TYPICAL OUTPUT RIPPLE
50mV/div, 2uS/div, full load 75Vin
0.1uF decoupling cap at room temp
TYPICAL INPUT RIPPLE CURRENT
200mA/div, 1uS/div, full load 48Vin at
room temp with a low source impedance
TYPICAL TRANSIENT RESPONSE
50mV/div, 200uS/div, 50% full load
to 75% full load 48Vin room temp
TYPICAL RISE TIME & TURN-ON DELAY
USING LOGIC ENABLE
2V/div, 100mS/div (Vout), 2V/div 100mS/div (logic
enable) 18Vin, full load at room temp
TYPICAL RISE TIME & TURN-ON DELAY
WITH Vin 0-48V
2V/div, 100mS/div (Vout), 10V/div, 100mS/div (Vin)
at room temp
603-778-2300
www.wallindustries.com
Fax 603-778-9797
Wall Industries, Inc.
5 Watson Brook Road
Exeter, NH 03833


Similar Part No. - QAW48S12-40

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
QAW48S12-40 WALL-QAW48S12-40 Datasheet
143Kb / 3P
   Higher Operating Temperature
More results

Similar Description - QAW48S12-40

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
QFN0404-24C TOREX-QFN0404-24C Datasheet
205Kb / 3P
   40 x 40 mm (1600mm2)
logo
TRACO Electronic AG
TEN40 TRACOPOWER-TEN40 Datasheet
947Kb / 6P
   TEN 40 Series, 40 Watt
Rev. November 30, 2022
logo
Marki Microwave
BTN-0040 MARKIMICROWAVE-BTN-0040 Datasheet
524Kb / 4P
   Broadband: 40 kHz to 40 GHz
logo
Analog Devices
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
logo
YENYO TECHNOLOGY Co., L...
RB500V-40 YENYO-RB500V-40 Datasheet
153Kb / 2P
   RB500V-40
logo
Wall Industries,Inc.
QAW24S5-40 WALL-QAW24S5-40 Datasheet
119Kb / 3P
   QAW24S5-40
QAW24T15-40 WALL-QAW24T15-40 Datasheet
126Kb / 3P
   QAW24T15-40
QAW48D12-40 WALL-QAW48D12-40 Datasheet
158Kb / 3P
   QAW48D12-40
logo
PHOENIX CONTACT
2281584 PHOENIX-2281584 Datasheet
94Kb / 4P
   FLKMS 40
logo
Astec America, Inc
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
   40 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com