Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA12203NT Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA12203NT
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12203NT Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA12203NT Datasheet HTML 1Page - Hitachi Semiconductor HA12203NT Datasheet HTML 2Page - Hitachi Semiconductor HA12203NT Datasheet HTML 3Page - Hitachi Semiconductor HA12203NT Datasheet HTML 4Page - Hitachi Semiconductor HA12203NT Datasheet HTML 5Page - Hitachi Semiconductor HA12203NT Datasheet HTML 6Page - Hitachi Semiconductor HA12203NT Datasheet HTML 7Page - Hitachi Semiconductor HA12203NT Datasheet HTML 8Page - Hitachi Semiconductor HA12203NT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
HA12203NT/HA12204NT
Rev.3, Jun. 1999, page 3 of 97
Pin Description, Equivalent Circuit
(V
CC = ±7 V, Ta = 25ºC, No Signal, The value in the show typical value.)
Pin No.
Terminal Name
Note
Equivalent Circuit
Pin Description
2
AIN (R)
V = GND
GND
V
100k
PB A Deck input
41
AIN (L)
4
BIN (R)
V = GND
PB B Deck input
39
BIN (L)
6
RIN (R)
V = GND
REC input
37
RIN (L)
10
EQIN (R)
V = GND
REC equalizer input
33
EQIN (L)
7DET (R)
V = V
EE+2.7V
VCC
VEE
V
Time constant pin
for Dolby-NR
36
DET (L)
5
BIAS1
V = V
EE+0.6V
VEE
V
Dolby bias current
input
38
BIAS2
V = V
EE+1.3V
VEE
V
REC equalizer bias
current input


Similar Part No. - HA12203NT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12206 HITACHI-HA12206 Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12207 HITACHI-HA12207 Datasheet
148Kb / 27P
   Audio Signal Processor for Cassette Deck
HA12207NT HITACHI-HA12207NT Datasheet
148Kb / 27P
   Audio Signal Processor for Cassette Deck
HA12209 HITACHI-HA12209 Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results

Similar Description - HA12203NT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12215F HITACHI-HA12215F Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com