Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP24S12-75 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # SP24S12-75
Description  75W DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

SP24S12-75 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  SP24S12-75 Datasheet HTML 1Page - Wall Industries,Inc. SP24S12-75 Datasheet HTML 2Page - Wall Industries,Inc. SP24S12-75 Datasheet HTML 3Page - Wall Industries,Inc. SP24S12-75 Datasheet HTML 4Page - Wall Industries,Inc. SP24S12-75 Datasheet HTML 5Page - Wall Industries,Inc. SP24S12-75 Datasheet HTML 6Page - Wall Industries,Inc. SP24S12-75 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APPLICATION NOTES
WALL INDUSTRIES, INC.
S P & SPW S E R I E S
(888) 597-WALL
www.wallindustries.com
5 of 7
DERATING CURVE
0
10
20
30
40
50
60
70
80
0
20406080
AMBIENT TEMPERATURE (DEG. C.)
0 LFM
100
LFM
200
LFM
300
LFM
400
LFM
POWER DISSIPATION VS OUTPUT CURRENT
0
2
4
6
8
10
12
14
16
18
01
234
56
OUTPUT CURRENT (AMPS)
Low Line
Nominal
Line
High
Line
EFFICIENCY VS OUTPUT CURRENT
45
55
65
75
85
0123456
OUTPUT CURRENT (AMPS)
Low Line
Nominal
Line
High
Line
Rev C


Similar Part No. - SP24S12-75

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
SP24S12-75 WALL-SP24S12-75 Datasheet
182Kb / 4P
   Isolated and Regulated
More results

Similar Description - SP24S12-75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
logo
MicroPower Direct, LLC
MR75-72S05RW MPD-MR75-72S05RW Datasheet
836Kb / 4P
   Compact, 75W Wide Input Railway DC/DC Converter
logo
Mean Well Enterprises C...
MHB75 MEANWELL-MHB75 Datasheet
840Kb / 6P
   75W DC-DC Half-Brick Regulated Single Output Converter
logo
ETA-USA
WRC-FWX-O ETA-USA-WRC-FWX-O Datasheet
2Mb / 4P
   75W AC/DC
logo
GAPTEC Electronic GmbH ...
75QBW4 GAPTEC-75QBW4 Datasheet
3Mb / 7P
   75W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
75HBW4 GAPTEC-75HBW4 Datasheet
684Kb / 2P
   75W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
URF1D05QB-75W MORNSUN-URF1D05QB-75W Datasheet
1Mb / 8P
   75W, wide input voltage, isolated & regulated single output DC-DC converter
logo
GAPTEC Electronic GmbH ...
50-75-100QBR GAPTEC-50-75-100QBR Datasheet
2Mb / 6P
   50W/75W/100W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Artesyn Technologies
BXB75-48D3V3-2V5FL ARTESYN-BXB75-48D3V3-2V5FL Datasheet
58Kb / 3P
   60-75W Wide Input DC/DC Converters
logo
ETA-USA
AOPS75 ETA-USA-AOPS75 Datasheet
5Mb / 5P
   75W AC/DC Small Size
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com