Electronic Components Datasheet Search |
|
GT23MSCBETR Datasheet(PDF) 1 Page - C&K Components |
|
GT23MSCBETR Datasheet(HTML) 1 Page - C&K Components |
1 / 5 page F–38 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F GT Series Sealed Ultraminiature Toggle Switches EPOXY SEAL .170 DIA. .015 TYP. (0,38) .100 (2,54) .177 (4,50) .150 (3,81) .160 (4,06) .020 TYP. (0,51) .100 (2,54) .066 DIA. .063 (1,60) .228 (5,79) .130 TYP. (3,30) ACTUATOR SHOWN IN POS. 1 TERMINAL NOS. FOR REFERENCE ONLY GT12 MODEL TERMINALS 1,3,4 & 6 ONLY 1 3 4 6 .276 (7,01) C&K MARKING ON OPPOSITE SIDE 1 2 3 4 6 GT12-omit hole 2. PC MOUNTING Features/Benefits • Sealed against solder and cleaning process contaminants • Ultraminiature size, smallest footprint available • Thru-hole and surface mount models • High temperature materials (UL 94V-0) • RoHS compliant and compatible Typical Applications • Hand-held telecommunications • Small instrumentation Specifications CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max. MECHANICAL & ELECTRICAL LIFE: 40,000 make-and-break cycles at full load. CONTACT RESISTANCE: Below 50 m Ω typ. initial @ 2-4 V DC, 100 mA. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 500 Vrms min. @ sea level. OPERATING TEMPERATURE: –30ºC to 85ºC. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging). PACKAGING: Surface mount switches shipped in anti-static tape and reel packaging per EIA 481-3, see page F-42 for drawings and reel information. Tape and cover strip are conductive for use near statically sensitive components, consult Customer Service Center. Materials HOUSING AND BASE: Glass filled nylon 4/6, flame retardant, heat stabilized (UL 94V-0). ACTUATOR: Glass filled nylon 4/6, flame retardant, heat stabilized (UL 94V-0), with standard internal o-ring seal. SWITCH SUPPORT: Brass, tin plated. MOVABLE CONTACTS: Copper alloy, with gold plate over nickel plate. STATIONARY CONTACTS: Copper alloy, with gold plate over nickel plate. TERMINALS: Gold. TERMINAL SEAL: Epoxy. All terminals insert molded. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. How To Order Complete part numbers for GT Series Sealed Ultraminiature Toggle Switches are shown on pages F–38 thru F–42. Schematic SPST Note: Pins 4 and 6 not connected OPEN N/A 3-1 Conn. Terms. OFF NONE ON GT12MCBE Schematic SPDT Note: Pins 4 and 6 not connected 2-3 OPEN 2-1 Conn. Terms. ON NONE ON ON OFF ON GT11MCBE GT13MCBE SWITCH FUNCTION POS.1 POS. 2 POS. 3 PART NUMBER GT11MCBE SPDT |
Similar Part No. - GT23MSCBETR |
|
Similar Description - GT23MSCBETR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |