Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA12194F Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA12194F
Description  Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12194F Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA12194F Datasheet HTML 1Page - Hitachi Semiconductor HA12194F Datasheet HTML 2Page - Hitachi Semiconductor HA12194F Datasheet HTML 3Page - Hitachi Semiconductor HA12194F Datasheet HTML 4Page - Hitachi Semiconductor HA12194F Datasheet HTML 5Page - Hitachi Semiconductor HA12194F Datasheet HTML 6Page - Hitachi Semiconductor HA12194F Datasheet HTML 7Page - Hitachi Semiconductor HA12194F Datasheet HTML 8Page - Hitachi Semiconductor HA12194F Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
HA12192F/HA12197F/HA12212F Series
Rev.5, Jun. 1999, page 5 of 89
Pin Description and Equivalent Circuit (V
CC = 9V, single supply, Ta = 25°C, No
signal, The value in the table show typical value.) (cont)
Pin No.
FP-28TB
FP-40B
Pin Name
Note
Equivalent Circuit
Description
20
30
M-OUT (L)
V = V
CC / 2
VCC
GND
V
Equalizer output
(70
µ)
11
M-OUT (R)
11
17
V
CC
V = V
CC
Power supply
35, 36
TAB
V = 0V
GND pin
4,5,6,7,
15,16,24,
25,26,27
NC pin
24
34
FIN (L)
V = V
CC / 2
V
Equalizer input
(FORWARD)
25
37
FIN (R)
22
32
RIN (L)
Equalizer input
27
39
RIN (R)
(REVERSE)
21
31
NFI (L)
Negative feedback
28
40
NFI (R)
7 *
1
11
NR OFF /
ON
I = 20
µA
I
100k
GND
GND
22k
Mode control input
8
12
120 / 70
9
13
F / R
Note:
1. Non connection regarding HA12197F series.


Similar Part No. - HA12194F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12133MP HITACHI-HA12133MP Datasheet
467Kb / 19P
   PRE,REC,EQUALLZER IC FOR R-DAT
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
HA12134A HITACHI-HA12134A Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
HA12134AF HITACHI-HA12134AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
HA12135A HITACHI-HA12135A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
More results

Similar Description - HA12194F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com