Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA12227F Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HA12227F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12227F Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HA12227F Datasheet HTML 2Page - Hitachi Semiconductor HA12227F Datasheet HTML 3Page - Hitachi Semiconductor HA12227F Datasheet HTML 4Page - Hitachi Semiconductor HA12227F Datasheet HTML 5Page - Hitachi Semiconductor HA12227F Datasheet HTML 6Page - Hitachi Semiconductor HA12227F Datasheet HTML 7Page - Hitachi Semiconductor HA12227F Datasheet HTML 8Page - Hitachi Semiconductor HA12227F Datasheet HTML 9Page - Hitachi Semiconductor HA12227F Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
HA12226F/HA12227F
Rev.6, Dec. 2000, page 6 of 86
Pin Description, Equivalent Circuit (V
CC = 12 V, A system of single supply voltage,
Ta = 25
°C, No Signal, The value in the show typical value.) (cont)
Pin No.
Terminal Name
Note
Equivalent Circuit
Pin Description
10
GPCAL
R = 110 k
R
2.5 V
GP gain calibration
terminal
11
RECCAL
R = 110 k
REC gain calibration
terminal
12
ALCCAL
R = 140 k
ALC operation level
calibration terminal
14
MSDET
n = 6
GND
VCC
n
0
µA
Time constant pin for
MS *
1
13
ALCDET
n = 2
27
MSIN
R = 50 k
VCC/2
VCC
V
R
MS input *
1
9
ALCIN (R)
R = 100 k
34
ALCIN (L)
30
MAI
V = V
CC / 2
VCC/2
VCC
V
MAI
8.2 k
MAOUT
100 k
MS Amp. input *
1
29
MS GND
V = 0 V
MS output voltage
level control pin *
1
55
ALC (R)
V = 0 V
Variable impedance
for attenuation
44
ALC (L)
Note:
1. MS: Music Sensor
2. Non connection regarding the HA12227F.
3. Test pin regarding the HA12227F.


Similar Part No. - HA12227F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12227F RENESAS-HA12227F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results

Similar Description - HA12227F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12215F HITACHI-HA12215F Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com