Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA12226 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA12226
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12226 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA12226 Datasheet HTML 1Page - Hitachi Semiconductor HA12226 Datasheet HTML 2Page - Hitachi Semiconductor HA12226 Datasheet HTML 3Page - Hitachi Semiconductor HA12226 Datasheet HTML 4Page - Hitachi Semiconductor HA12226 Datasheet HTML 5Page - Hitachi Semiconductor HA12226 Datasheet HTML 6Page - Hitachi Semiconductor HA12226 Datasheet HTML 7Page - Hitachi Semiconductor HA12226 Datasheet HTML 8Page - Hitachi Semiconductor HA12226 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
HA12226F/HA12227F
Rev.6, Dec. 2000, page 5 of 86
Pin Description, Equivalent Circuit (V
CC = 12 V, A system of single supply voltage,
Ta = 25
°C, No Signal, The value in the show typical value.) (cont)
Pin No.
Terminal Name
Note
Equivalent Circuit
Pin Description
21
V
CC
V = V
CC
Power supply
50
GND
V = 0 V
GND pin
31, 45, 54
NC
No connection
No connection
15
ALC
ON/OFF
I = 20
µA
22 k
GND
V
I
100 k
Mode control input
16
PB
A/B
17
A
120/70
18
NORM/HIGH
19
B
NORM/CROM
20
BIAS ON/
OFF
22
RM
ON/OFF
23 *
2
NR ON/
OFF
25
LM ON/
OFF
24
REC/PB/PASS
2.5 V
100 k
100 k
+
V
22 k
Mode control input
26
MSOUT
I = 0
µA
V
I
VCC
D GND
MS output (to MPU) *
1


Similar Part No. - HA12226

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results

Similar Description - HA12226

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12215F HITACHI-HA12215F Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com