Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2214SSTRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR2214SSTRPBF
Description  HALF-BRIDGE GATE DRIVER IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2214SSTRPBF Datasheet(HTML) 5 Page - International Rectifier

  IR2214SSTRPBF Datasheet HTML 1Page - International Rectifier IR2214SSTRPBF Datasheet HTML 2Page - International Rectifier IR2214SSTRPBF Datasheet HTML 3Page - International Rectifier IR2214SSTRPBF Datasheet HTML 4Page - International Rectifier IR2214SSTRPBF Datasheet HTML 5Page - International Rectifier IR2214SSTRPBF Datasheet HTML 6Page - International Rectifier IR2214SSTRPBF Datasheet HTML 7Page - International Rectifier IR2214SSTRPBF Datasheet HTML 8Page - International Rectifier IR2214SSTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
IR2114/IR2214SSPbF
www.irf.com
© 2009 International Rectifier
5
AC Electrical Characteristics
VCC = VBS = 15 V, VS = VSS and TA = 25 °C unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max. Units
Test Conditions
ton
Turn on propagation delay
220
440
660
toff
Turn off propagation delay
220
440
660
tr
Turn on rise time (CLOAD=1 nF)
24
tf
Turn off fall time (CLOAD=1 nF)
7
VIN = 0 & 1, VS = 0 V to 600 V
or 1200 V,
HOP shorted to HON, LOP
shorted to LON, Fig. 7
ton1
Turn on first stage duration time
120
200
280
Fig. 8
tDESAT1
DSH to HO soft shutdown propagation delay at HO
turn on
2000
3300
4600
VHIN= 1 V
tDESAT2
DSH to HO soft shutdown propagation delay after
blanking
1050
VDESAT = 15 V, Fig. 10
tDESAT3
DSL to LO soft shutdown propagation delay at LO
turn on
2000
3300
4600
VLIN = 1 V
tDESAT4
DSL to LO soft shutdown propagation delay after
blanking
1050
VDESAT = 15 V, Fig. 10
tDS
Soft shutdown minimum pulse width of desat
1000
Fig. 9
tSS
Soft shutdown duration period
5700
9250 13500
VDS=15 V, Fig. 9
tSY_FLT,
DESAT1
DSH to SY_FLT propagation delay at HO turn on
3600
VHIN = 1 V
tSY_FLT,
DESAT2
DSH to SY_FLT propagation delay after blanking
1300
VDS = 15 V, Fig. 10
tSY_FLT,
DESAT3
DSL to SY_FLT propagation delay at LO turn on
3050
VLIN = 1 V
tSY_FLT,
DESAT4
DSL to SY_FLT propagation delay after blanking
1050
VDESAT=15 V, Fig. 10
tBL
DS blanking time at turn on
3000
VHIN = VLIN = 1 V, VDESAT=15 V,
Fig. 10
Deadtime/Delay Matching Characteristics
DT
Deadtime
330
Fig. 11
MDT
Deadtime matching, MDT=DTH-DTL
75
External DT = 0 s, Fig. 11
PDM
Propagation delay matching,
Max (ton, toff) – Min (ton, toff)
75
ns
External DT > 500 ns, Fig. 7


Similar Part No. - IR2214SSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2214SS IRF-IR2214SS Datasheet
308Kb / 28P
   HALF-BRIDGE GATE DRIVER IC
IR2214SSPBF IRF-IR2214SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2214SSPBF INFINEON-IR2214SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
More results

Similar Description - IR2214SSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR2114SS IRF-IR2114SS Datasheet
1Mb / 21P
   HALF-BRIDGE GATE DRIVER IC
IR2114SSPBF IRF-IR2114SSPBF_15 Datasheet
715Kb / 33P
   HALF-BRIDGE GATE DRIVER IC
IR2214SS IRF-IR2214SS Datasheet
308Kb / 28P
   HALF-BRIDGE GATE DRIVER IC
IR21141SSPBF IRF-IR21141SSPBF_09 Datasheet
721Kb / 34P
   HALF-BRIDGE GATE DRIVER IC
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
   High Voltage IC Half Bridge Gate Driver
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
   High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
logo
ON Semiconductor
FAN73912 ONSEMI-FAN73912 Datasheet
3Mb / 22P
   High-Current, Half-Bridge, Gate-Driver IC
December 2016- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com