Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANSR2N7626UB Datasheet(PDF) 8 Page - International Rectifier

Part # JANSR2N7626UB
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANSR2N7626UB Datasheet(HTML) 8 Page - International Rectifier

Back Button JANSR2N7626UB Datasheet HTML 3Page - International Rectifier JANSR2N7626UB Datasheet HTML 4Page - International Rectifier JANSR2N7626UB Datasheet HTML 5Page - International Rectifier JANSR2N7626UB Datasheet HTML 6Page - International Rectifier JANSR2N7626UB Datasheet HTML 7Page - International Rectifier JANSR2N7626UB Datasheet HTML 8Page - International Rectifier JANSR2N7626UB Datasheet HTML 9Page - International Rectifier JANSR2N7626UB Datasheet HTML 10Page - International Rectifier JANSR2N7626UB Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.irf.com
Pre-Irradiation
IRHLUB7970Z4, JANSR2N7626UB
Fig 16b. Unclamped Inductive Waveforms
Fig 16a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
.
VGS
Fig 17b. Gate Charge Test Circuit
Fig 17a. Basic Gate Charge Waveform
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
QG
QGS
QGD
VG
Charge
-4.5V
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VGS
Fig 18a. Switching Time Test Circuit
Fig 18b. Switching Time Waveforms


Similar Part No. - JANSR2N7626UB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7659U3CE IRF-JANSR2N7659U3CE Datasheet
558Kb / 14P
   Radiation Hardened Power MOSFET Surface Mount (SMD-0.5e Ceramic Lid) -60V, -32A, P-channel, R9 Superjunction Technology
2023-07-26
JANSR2N7660U3CE IRF-JANSR2N7660U3CE Datasheet
567Kb / 14P
   Radiation Hardened Power MOSFET Surface Mount (SMD-0.5e Ceramic Lid) -100V, -24A, P-channel, R9 Superjunction Technology
2023-07-26
JANSR2N7661D5 IRF-JANSR2N7661D5 Datasheet
808Kb / 15P
   Radiation Hardened Power MOSFET Thru-Hole (Low-Ohmic TO-257AA) -200V, -14A, P-channel, R9 Superjunction Technology
2022-12-13
JANSR2N7661T3 IRF-JANSR2N7661T3 Datasheet
808Kb / 15P
   Radiation Hardened Power MOSFET Thru-Hole (Low-Ohmic TO-257AA) -200V, -14A, P-channel, R9 Superjunction Technology
2022-12-13
logo
Infineon Technologies A...
JANSR2N7666T1 INFINEON-JANSR2N7666T1 Datasheet
525Kb / 14P
   Radiation Hardened Power MOSFET Thru-Hole (TO-254AA Low Ohmic) -200V, -45A, P-channel, R9 Superjunction Technology
2023-07-14
More results

Similar Description - JANSR2N7626UB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUB780Z4 IRF-IRHLUB780Z4 Datasheet
142Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
180Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB770Z4 IRF-IRHLUB770Z4 Datasheet
112Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB) 60V, N-CHANNEL
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHLNJ797034 IRF-IRHLNJ797034 Datasheet
209Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com