Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF4N60D Datasheet(PDF) 3 Page - Silikron Semiconductor Co.,LTD.

Part # SSF4N60D
Description  Main Product Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF4N60D Datasheet(HTML) 3 Page - Silikron Semiconductor Co.,LTD.

  SSF4N60D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF4N60D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF4N60D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF4N60D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF4N60D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF4N60D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF4N60D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF4N60D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SSF4N60D
©Silikron Semiconductor CO.,LTD.
2012.12.21
Version : 1.0
page 3 of 8
www.silikron.com
Test circuits and Waveforms
Switch Waveforms:
Notes
:
①The maximum current rating is limited by bond-wires.
②Repetitive rating; pulse width limited by max. junction temperature.
③The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
④The value of RθJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C


Similar Part No. - SSF4N60D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF4N60D GOOD-ARK-SSF4N60D Datasheet
911Kb / 7P
   600V N-Channel MOSFET
SSF4N60D GOOD-ARK-SSF4N60D_15 Datasheet
911Kb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF4N60D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
   Main Product Characteristics
logo
Silikron Semiconductor ...
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
   Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
   Main Product Characteristics
SSF2N60D SILIKRON-SSF2N60D Datasheet
501Kb / 8P
   Main Product Characteristics
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
   Main Product Characteristics
SSBD10100CT SILIKRON-SSBD10100CT Datasheet
468Kb / 6P
   Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
   Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
   Main Product Characteristics
SSF5N50D SILIKRON-SSF5N50D Datasheet
526Kb / 8P
   Main Product Characteristics
SSF5N60D SILIKRON-SSF5N60D Datasheet
489Kb / 8P
   Main Product Characteristics
SSBD2060CT SILIKRON-SSBD2060CT Datasheet
488Kb / 6P
   Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com