Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46944-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 46944-0001
Description  10.50mm Pitch EXTreme Ten60Power Housing, 6 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

46944-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  46944-0001 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
46944-0001
Status:
Active
Overview:
EXTreme Ten60Power™ High-Current Connector
Description:
10.50mm Pitch EXTreme Ten60Power™ Housing, 6 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
Crimp Housings
Series
46707
Application
Power, Signal, Wire-to-Wire
Comments
Must be used with 46945 TPA
Overview
EXTreme Ten60Power™ High-Current Connector
Product Name
EXTreme Ten60Power™
UPC
884982057487
Physical
Circuits (maximum)
6
Circuits Detail
6
Color - Resin
Black
Flammability
94V-0
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
11.472/g
Number of Rows
3
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface
10.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-46944-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46707Series
Mates With
46946-0001 EXTreme Ten60Power™ Plug
Assembly
Use With
46945-0001 TPA
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 46944-0001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4694 ETC2-4694 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Diotec Semiconductor
4694 DIOTEC-4694 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Keystone Electronics Co...
4694 KEYSTONE-4694 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Molex Electronics Ltd.
46945-0001 MOLEX11-46945-0001 Datasheet
37Kb / 1P
   TPA for EXTreme Ten60Power Housing Plug
46946-0001 MOLEX11-46946-0001 Datasheet
39Kb / 1P
   10.50mm Pitch EXTreme Ten60Power Receptacle Housing, 6 Circuits
More results

Similar Description - 46944-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46946-0001 MOLEX11-46946-0001 Datasheet
39Kb / 1P
   10.50mm Pitch EXTreme Ten60Power Receptacle Housing, 6 Circuits
46649-0001 MOLEX11-46649-0001 Datasheet
44Kb / 1P
   EXTreme Ten60Power 153 5.87mm Pitch Plug Housing, 21 Circuits
46945-0001 MOLEX11-46945-0001 Datasheet
37Kb / 1P
   TPA for EXTreme Ten60Power Housing Plug
46947-0001 MOLEX11-46947-0001 Datasheet
38Kb / 1P
   TPA for EXTreme Ten60Power Housing Receptacle
46708-0001 MOLEX11-46708-0001 Datasheet
37Kb / 1P
   TPA for EXTreme Ten60Power
46707-0001 MOLEX11-46707-0001 Datasheet
40Kb / 1P
   2.54mm, 7.50mm Pitch EXTreme Ten60Power Receptacle Housing, 15 Signal Circuits, 4 Power Circuits, Halogen-Free
0621007750 MOLEX-0621007750 Datasheet
38Kb / 1P
   EXTreme Ten60Power 7.50mm Vertical Receptacle Housing Extraction Tool for 46742 Series
11/02/2021
46586-1003 MOLEX11-46586-1003 Datasheet
58Kb / 1P
   EXTreme Ten60Power™ 7.50mm Pitch Wire-to-Board Harness Kit,3 Circuits with
46409-1100 MOLEX11-46409-1100 Datasheet
70Kb / 1P
   EXTreme Ten60Power 153 6.00mm Pitch Plug Kit, 4 Power Circuits, 4 Signal Circuits with TPA
46710-9000 MOLEX11-46710-9000 Datasheet
42Kb / 1P
   EXTreme Ten60Power 153 Wire-to-Board Harness Kit, 4 Power Circuits, 15 Signal Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com