Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF5NS60UD Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSF5NS60UD
Description  Main Product Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5NS60UD Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSF5NS60UD Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5NS60UD Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5NS60UD Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5NS60UD Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5NS60UD Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF5NS60UD Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF5NS60UD Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF5NS60UD Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SSF5NS60UD
©Silikron Semiconductor CO.,LTD.
2013.06.08
Version : 1.0
page 6 of 8
www.silikron.com
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
2.200
-
2.400
0.087
-
0.094
B
0.950
-
1.250
0.037
-
0.049
b
0.500
-
0.700
0.020
-
0.028
b1
0.450
-
0.550
0.018
-
0.022
C
0.450
-
0.550
0.018
-
0.022
D
6.450
-
6.750
0.254
-
0.266
D1
5.200
-
5.400
0.205
-
0.213
E
5.950
-
6.250
0.234
-
0.246
e1
2.240
-
2.340
0.088
-
0.092
e2
4.430
-
4.730
0.174
-
0.186
L1
9.450
-
9.950
0.372
-
0.392
L2
1.250
-
1.750
0.049
-
0.069
L3
0.600
-
0.900
0.024
-
0.035
K
0.000
-
0.100
0.000
-
0.004
Symbol
Dimension In Millimeters
Dimension In Inches
TO-252 PACKAGE OUTLINE DIMENSION


Similar Part No. - SSF5NS60UD

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF5NS65G SILIKRON-SSF5NS65G Datasheet
483Kb / 8P
   Main Product Characteristics
logo
GOOD-ARK Electronics
SSF5NS65G GOOD-ARK-SSF5NS65G Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65G GOOD-ARK-SSF5NS65G_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF5NS65UD SILIKRON-SSF5NS65UD Datasheet
475Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF5NS65UD GOOD-ARK-SSF5NS65UD Datasheet
1Mb / 7P
   650V N-Channel MOSFET
More results

Similar Description - SSF5NS60UD

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
   Main Product Characteristics
logo
Silikron Semiconductor ...
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
   Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
   Main Product Characteristics
SSF2N60D SILIKRON-SSF2N60D Datasheet
501Kb / 8P
   Main Product Characteristics
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
   Main Product Characteristics
SSBD10100CT SILIKRON-SSBD10100CT Datasheet
468Kb / 6P
   Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
   Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
   Main Product Characteristics
SSF5N50D SILIKRON-SSF5N50D Datasheet
526Kb / 8P
   Main Product Characteristics
SSF5N60D SILIKRON-SSF5N60D Datasheet
489Kb / 8P
   Main Product Characteristics
SSBD2060CT SILIKRON-SSBD2060CT Datasheet
488Kb / 6P
   Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com