Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A4-TP Datasheet(PDF) 2 Page - Micro Analog systems

Part # 6A4-TP
Description  6 Amp Rectifier 50 - 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

6A4-TP Datasheet(HTML) 2 Page - Micro Analog systems

  6A4-TP Datasheet HTML 1Page - Micro Analog systems 6A4-TP Datasheet HTML 2Page - Micro Analog systems 6A4-TP Datasheet HTML 3Page - Micro Analog systems 6A4-TP Datasheet HTML 4Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
.1
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4
5
6
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
20
0
100
Amps
.6
.8
1.0
1.2
1.4
1.6
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
PC BOARD
PC BOARD
Thermal Resistance -
°C/W versus
Equal Lead Length To Heat Sink - Inches
Figure 3
Typical Thermal Resistance versus Lead Length
.1
.2
.3
.5
.6
.7
.4
.8
.9
0
10
20
°C/W
Inches
15
5
1.0
1.1
Revision:
B
20
13/01/01
6A05 thru 6A10
www.mccsemi.com
2 of 4
MCC
TM
Micro Commercial Components


Similar Part No. - 6A4-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
6A4-T DIODES-6A4-T Datasheet
63Kb / 3P
   6.0A SILICON RECTIFIER
DS28009 Rev. 7 - 2
logo
Rectron Semiconductor
6A4-T RECTRON-6A4-T Datasheet
33Kb / 3P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
More results

Similar Description - 6A4-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
6A05 MCC-6A05 Datasheet
82Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
MR750 MCC-MR750_06 Datasheet
126Kb / 5P
   6 Amp Rectifier 50 - 1000 Volts
MR750 MCC-MR750 Datasheet
90Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05_11 Datasheet
243Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05_13 Datasheet
273Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
   6 Amp Glass Passivated Rectifier 50 - 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
   6 Amp Silicon Rectifier 50 to 1000 Volts
S6A MCC-S6A Datasheet
346Kb / 3P
   6 Amp Silicon Rectifier 50 to 1000 Volts
DR750 MCC-DR750_13 Datasheet
522Kb / 4P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com