Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA13561F Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA13561F
Description  Combo (Spindle & VCM) Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13561F Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA13561F Datasheet HTML 1Page - Hitachi Semiconductor HA13561F Datasheet HTML 2Page - Hitachi Semiconductor HA13561F Datasheet HTML 3Page - Hitachi Semiconductor HA13561F Datasheet HTML 4Page - Hitachi Semiconductor HA13561F Datasheet HTML 5Page - Hitachi Semiconductor HA13561F Datasheet HTML 6Page - Hitachi Semiconductor HA13561F Datasheet HTML 7Page - Hitachi Semiconductor HA13561F Datasheet HTML 8Page - Hitachi Semiconductor HA13561F Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
HA13561F
4
Pin Description (cont)
Pin Number Pin Name
Function
58
NC
No function
59
NC
ditto
60
COMPOUT
Comparator output to detect the direction of output current on VCM driver
61
VREF1
Regulated voltage output to be used as reference of peripheral ICs
62
RESINH
Used for inhibiting the restart function of the spindle motor driver after power
down
63
OPIN (+)
Non inverted input of OP.Amp. to be used for filtering the signal on PWMOUT
64
VCTL
OP. Amp. output, this signal is used as control signal for VCM driver output
65
OPIN (–)
Inverted input of OP.Amp. to be used for filtering the signal on PWMOUT
66 to 75
GND
Ground pins
76
LVI2
Sensing input for power monitor circuitry
77
Vpsv
Power supply for VCM driver
78
RETPOW
Power supply for retract circuitry
79
RETON
To be attached the base terminal of external transistor for retracting
80
RS
Sensing input for output current on VCM driver


Similar Part No. - HA13561F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13563V HITACHI-HA13563V Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
   CD-ROM Combo Driver
More results

Similar Description - HA13561F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
HA13571FR HITACHI-HA13571FR Datasheet
103Kb / 22P
   Combo (Spindle & VCM) Driver for HDD
logo
NXP Semiconductors
TDA5345HT PHILIPS-TDA5345HT Datasheet
213Kb / 44P
   5 V spindle & VCM driver combo
1999 June 10
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
   Spindle/VCM Controller and Pre-driver
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
ATMEL Corporation
AT78C7005 ATMEL-AT78C7005 Datasheet
135Kb / 4P
   Spindle/VCM MotorController/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com