Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

76HPSB08GWRTRT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 76HPSB08GWRTRT
Description  Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

76HPSB08GWRTRT Datasheet(HTML) 1 Page - Grayhill, Inc

  76HPSB08GWRTRT Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
.100 ± .005
(2,54 ± 0,13) tyP.
CL CL
.305 ± .010
(7,75 ± 0,25)
LeNGtH
± .010 (0,25
See OrDer INFO
.380
± .010
(9,65
± 0,25)
.025 (0,64) r.
.424 ± .015
(10,77 ± 0,38)
tyP.
.303 ± .015
(7,70 ± 0,38)
.023
(5,84)
reF.
.012 ± .001
(0,30 ± 0,03)
tyP.
.055 ± .010
(1,40 ± 0,25)
.280 (7,11)
tyP.
.530
(13,46)
tyP.
CLCL
.070 (1,78) tyP.
.100 (2,54) tyP.
SerIeS 76HP
Side Actuated PIANO-DIP®
DIMeNSIONS In inches (and millimeters)
recommended PC Pad Dimensions
CIrCUItry
SpecificationS
electrical Ratings
Make-and-break current Rating: 2,000
operations per switch position at 1 mA, 5 Vdc;
50 mA, 30 Vdc; or 150 mA, 30 Vdc
contact Resistance: Initial: 30 mohms
maximum; After Life: 100 mohms maximum
(10 mA at 50 Vdc, open circuit)
insulation Resistance: Minimum, at 100 Vdc
between adjacent closed contacts and also
across open switch contacts. Initial: 2,000
Mohms
Dielectric Strength: Minimum voltage (AC
rMS) measured between adjacent closed
contacts and also across open switch contacts.
Initial: 750 volts; After Life: 500 volts
carry Rating: 5 amps, maximum rise of 20°C
Switch Capacitance: 2 pF at 1 megahertz
Mechanical Ratings
Mechanical Life: 2,000 operations per switch
position
FeAtUreS
• Compatible with SMt Assembly
Including Infrared reflow and
Vapor-Phase
• easily Accessed when PC Boards
are racked
• reliable Spring and Ball Contact
Vibration Resistance: Per Method 204, test
Condition B. 1 mS opening (10 mS allowed)
Mechanical Shock: Per Method 213, test
Condition A. 1 mS opening (10 mS allowed)
thermal Shock Resistance: Per specification;
no failures; passes contact resistance
terminal Strength: Per specification
thermal aging: 1,000 hours at 85°C; no
failures
environmental Ratings
MeetsallrequirementsofMIL-S-83504**. Where
Grayhill performance is superior, the MIL spec
is listed in parentheses.
operating temperature Range: -40°C to +
85°C
Storage temperature Range: -55°C to +
85°C
Moisture Resistance: Per MIL-StD-202,
Method 106
Soldering information
Solderability: Per MIL-StD-202, Method 208
tested to eIA Standard rS-448-2.
ResistancetoSolderingHeat:PerMIL-S-83504,
six second test
Recommended processing temperature:
220°C–230°C (1 pass—260°C maximum)
processing position: Switch is to be processed
with all actuators in the closed (on) position as
shipped.
Materials and finishes
Shorting Member: Brass, gold-plated
over nickel barrier.
Base contacts: Copper alloy, gold-plated,
over nickel barrier.
terminals: Copper alloy, matte tin plated over
nickel barrier.
Non-Conductive Parts: Cover is natural color
thermoplastic, actuators are white thermoplastic
(UL94V-O)
tape Seal: Not available with tape Seal.
As viewed from
the top of the
switch in the
positions shown
in the drawing.
Meets requirements of
eIA 481-2 or eIA 481-3
each reel has a 15.750 inch (390 mm)
minimum leader and a 6.30 inch (160 mm)
minimum trailer.
Available from your local Grayhill Distributor. For prices and discounts, contact a local Sales Office,
an authorized local Distributor or Grayhill.
No. of
Length
Length
Carrier Width
Part
Positions*
(inches)
(metric)
Dim. A
Number
2
0.280"
7,1 mm
24 mm
76HPSB02GWrt
4
0.480"
12,2 mm
24 mm
76HPSB04GWrt
6
0.680"
17,3 mm
32 mm
76HPSB06GWrt
8
0.880"
22,4 mm
44 mm
76HPSB08GWrt
10
1.080"
27,4 mm
44 mm
76HPSB10GWrt
* For other lengths, contact Grayhill, Inc.
** Note: 100% matte tin terminal plating does not meet MIL-S-83504 for lead content.
OrDerING INFOrMAtION: tape and reel Packaging (500 switches per reel)
tAPe AND reeL PACkAGING
DIP
8
Surface Mount DIP Switches
13 INCH
DIAMeter reeL
DIreCtION
OF FeeD
16 & 24mm
tAPe
16mm
32, 44 &
56mm
tAPe
16mm
PIN ONe LOCAtION
CONDUCtIVe
PLAStIC eMBOSSeD
tAPe
COVer tAPe
DIM. A (See OrDer INFO.)


Similar Part No. - 76HPSB08GWRTRT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
76HPSB08GWRTRT GRAYHILL-76HPSB08GWRTRT Datasheet
225Kb / 1P
   Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
More results

Similar Description - 76HPSB08GWRTRT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
76HPSB02GWRTRT GRAYHILL-76HPSB02GWRTRT Datasheet
225Kb / 1P
   Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
78HJ01GWT GRAYHILL-78HJ01GWT Datasheet
238Kb / 1P
   Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
logo
Lite-On Technology Corp...
LTST-C930CKT LITEON-LTST-C930CKT Datasheet
359Kb / 6P
   Compatible with infrared and vapor phase reflow solder process
LTST-C230KSKT LITEON-LTST-C230KSKT Datasheet
642Kb / 11P
   Compatible with Infrared and Vapor phase reflow solder process
logo
Everlight Electronics C...
HIR67-21C-L11-TR8 EVERLIGHT-HIR67-21C-L11-TR8_15 Datasheet
224Kb / 7P
   Compatible with infrared and vapor phase reflow solder process
logo
Lite-On Technology Corp...
LTST-C191GKT LITEON-LTST-C191GKT Datasheet
297Kb / 6P
   Super thin (0.55H mm) Chip LED, Compatible with infrared and vapr phase reflow solder process
logo
Grayhill, Inc
78HJ05GWRT GRAYHILL-78HJ05GWRT Datasheet
238Kb / 1P
   Compatible with SMT Assembly
logo
Kingbright Corporation
APHB1608LZGKSYKC KINGBRIGHT-APHB1608LZGKSYKC Datasheet
302Kb / 6P
   Compatible with reflow soldering
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
   Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
   Compatible with reflow soldering
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com