Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF5NS65G Datasheet(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

Part # SSF5NS65G
Description  Main Product Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5NS65G Datasheet(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSF5NS65G Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5NS65G Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5NS65G Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5NS65G Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5NS65G Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF5NS65G Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF5NS65G Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF5NS65G Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SSF5NS65G
©Silikron Semiconductor CO.,LTD.
2012.09.04
Version : 1.0
page 4 of 8
www.silikron.com
Typical electrical and thermal characteristics
Figure 2. Gate to source cut-off voltage
Figure 1: Typical Output Characteristics
Figure 3. Drain-to-Source Breakdown Voltage Vs.
Case Temperature
Figure 4: Normalized On-Resistance Vs. Case
Temperature


Similar Part No. - SSF5NS65G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5NS65G GOOD-ARK-SSF5NS65G Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65G GOOD-ARK-SSF5NS65G_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
More results

Similar Description - SSF5NS65G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
   Main Product Characteristics
logo
Silikron Semiconductor ...
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
   Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
   Main Product Characteristics
SSF2N60D SILIKRON-SSF2N60D Datasheet
501Kb / 8P
   Main Product Characteristics
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
   Main Product Characteristics
SSBD10100CT SILIKRON-SSBD10100CT Datasheet
468Kb / 6P
   Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
   Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
   Main Product Characteristics
SSF5N50D SILIKRON-SSF5N50D Datasheet
526Kb / 8P
   Main Product Characteristics
SSF5N60D SILIKRON-SSF5N60D Datasheet
489Kb / 8P
   Main Product Characteristics
SSBD2060CT SILIKRON-SSBD2060CT Datasheet
488Kb / 6P
   Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com