Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

670M-03ILF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 670M-03ILF
Description  LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

670M-03ILF Datasheet(HTML) 1 Page - Integrated Device Technology

  670M-03ILF Datasheet HTML 1Page - Integrated Device Technology 670M-03ILF Datasheet HTML 2Page - Integrated Device Technology 670M-03ILF Datasheet HTML 3Page - Integrated Device Technology 670M-03ILF Datasheet HTML 4Page - Integrated Device Technology 670M-03ILF Datasheet HTML 5Page - Integrated Device Technology 670M-03ILF Datasheet HTML 6Page - Integrated Device Technology 670M-03ILF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
ICS670-03
IDT™ / ICS™ LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER 1
ICS670-03
REV J 051310
Description
The ICS670-03 is a high speed, low phase noise, Zero
Delay Buffer (ZDB) which integrates IDT’s proprietary
analog/digital Phase Locked Loop (PLL) techniques. It is
identical to the ICS670-01, but with an increased maximum
output frequency of 210 MHz. Part of IDT’s ClockBlocksTM
family, the part’s zero delay feature means that the rising
edge of the input clock aligns with the rising edges of the
outputs giving the appearance of no delay through the
device. There are two identical outputs on the chip. The
FBCLK should be used to connect to the FBIN. Each output
has its own output enable pin.
The ICS670-03 is ideal for synchronizing outputs in a large
variety of systems, from personal computers to data
communications to video. By allowing off-chip feedback
paths, the ICS670-03 can eliminate the delay through other
devices. The 15 different on-chip multipliers work in a
variety of applications. For other multipliers, including
functional multipliers, see the ICS527.
Features
Packaged in 16-pin SOIC
Pb (lead) free package, RoHS compliant
Clock inputs from 5 to 210 MHz (see page 2)
Patented PLL with low phase noise
Output clocks up to 210 MHz at 3.3V
15 selectable on-chip multipliers
Power down mode available
Low phase noise: -124 dBc/Hz at 10 kHz
Output enable function tri-states outputs
Low jitter 15 ps one sigma
Advanced, low power, sub-micron CMOS process
Industrial temperature rated
Operating voltage of 3.3 V or 5 V
Block Diagram
Divide by
N
Voltage
Controlled
Oscillator
FB C L K
OE 1
Phase
Detector,
Charge
Pump, and
Loop Filter
FB I N
S3 :S 0
IC L K
CL K2
4
OE 2
VDD
3
GND
3
E x te rn al Fe ed ba ck f r om FB C L K is r e com m e nd ed .


Similar Part No. - 670M-03ILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
670M-03ILF RENESAS-670M-03ILF Datasheet
344Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
670M-03ILFT RENESAS-670M-03ILFT Datasheet
344Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results

Similar Description - 670M-03ILF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
670M-01ILFT ETC2-670M-01ILFT Datasheet
203Kb / 7P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
logo
Integrated Circuit Syst...
ICS670-02 ICST-ICS670-02 Datasheet
175Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-01 RENESAS-ICS670-01 Datasheet
245Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
012315
logo
Integrated Circuit Syst...
ICS670-01 ICST-ICS670-01 Datasheet
84Kb / 5P
   Low Phase Noise Zero Delay Buffer and Multiplier
ICS670-03 ICST-ICS670-03 Datasheet
178Kb / 6P
   LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
ICS670-02 RENESAS-ICS670-02 Datasheet
342Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
REV J 051310
ICS670-03 RENESAS-ICS670-03 Datasheet
344Kb / 8P
   LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
   Multiplier and Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com