Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62295-1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 62295-1
Description  AMPLIVAR Splices
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

62295-1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  62295-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
50
AMPLIVAR Splices (Continued)
Magnet Wire Terminals and Termination Systems
Catalog 82221
Revised 10-02
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
5 Serrations —
Thru Type
Product Facts
s
Wide range of thru splices
s
Serrations centered in splice
to achieve optimum
electrical and mechanical
performance in a thru splice
s
CMA range accepts a wide
variety of wire sizes and
combinations
Type
AWG/
Wire Range
Wire Range
Stock
Crimp
Dim.
Material
Part
mm2
Solid Dia.
CMA
Thickness
Width
L
Number
17-12.5
.045-.075
2000-5400
.020
.110
.235
Brass
63564-1
1.00-2.80
1.15-1.85
0.51
5.08
5.97
A
10-8
.100-.125
10,000-16,000
.032
.180
.267
Tin Plated Brass
63561-1
5.00-8.00
2.55-3.20
0.80
4.57
6.78
10-7.5
.100-.150
10,400-22,900
.030
.300
.310
Tin Plated Brass
63562-1
5.00-11.50
2.60-3.80
0.76
7.62
7.87
22-15.5
.028-.055
600-3000
.020
.110
.225
Brass
42076
0.38-1.54
0.70-1.40
0.51
2.79
5.72
22-15.5
.028-.055
600-3000
.020
.110
.225
Brass
42192-1*
0.38-1.54
0.70-1.40
0.51
2.79
5.72
22-15.5
.028-.055
600-3000
.020
.110
.225
Tin Plated Brass
42192-2*
0.38-1.54
0.70-1.40
0.51
2.79
5.72
22-15.5
.028-.055
600-3000
.020
.110
.225
Brass
42778-1*1
0.38-1.54
0.70-1.40
0.51
2.79
5.72
22-15.5
.028-.055
600-3000
.020
.110
.225
Tin Plated Brass
42778-2*1
0.38-1.54
0.70-1.40
0.51
2.79
5.72
18.5-13.5
.039-.071
1500-5000
.020
.110
.225
Brass
41765
0.80-2.54
1.00-1.80
0.51
2.79
5.72
18.5-13.5
.039-.071
1500-5000
.020
.110
.225
Tin Plated Brass
41899
0.80-2.54
1.00-1.80
0.51
2.79
5.72
18.5-13.5
.039-.071
1500-5000
.020
.110
.225
Brass
42119-1*
0.80-2.54
1.00-1.80
0.51
2.79
5.72
18.5-13.5
.039-.071
1500-5000
.020
.110
.225
Brass
42776-1*1
0.80-2.54
1.00-1.80
0.51
2.79
5.72
B
18.5-13.5
.039-.071
1500-5000
.020
.110
.225
Tin Plated Brass
42776-2*1
0.80-2.54
1.00-1.80
0.51
2.79
5.72
15.5-12
.055-.083
3000-7000
.020
.140
.225
Brass
41766
1.54-3.46
1.40-2.10
0.51
3.56
5.72
15.5-12
.055-.083
3000-7000
.020
.140
.225
Tin Plated Brass
41900
1.54-3.46
1.40-2.10
0.51
3.56
5.72
15.5-12
.055-.083
3000-7000
.020
.140
.225
Brass
42779-11
1.54-3.46
1.40-2.10
0.51
3.56
5.72
15.5-12
.055-.083
3000-7000
.020
.140
.225
Tin Plated Brass
42779-21
1.54-3.46
1.40-2.10
0.51
3.56
5.72
12-10
.083-.110
7000-12,000
.025
.250
.225
Tin Plated Brass
61074-11,2
3.46-6.00
2.10-2.80
0.64
6.35
5.72
12-9
.083-.112
7000-13,000
.025
.180
.225
Brass
41770
3.46-6.38
2.10-2.85
0.64
4.57
5.72
12-9
.083-.112
7000-13,000
.025
.180
.225
Tin Plated Brass
41904
3.46-6.38
2.10-2.85
0.64
4.57
5.72
12-9
.083-.112
7000-13,000
.025
.180
.225
Brass
42780-11
3.46-6.38
2.10-2.85
0.64
4.57
5.72
12-9
.083-.112
7000-13,000
.025
.180
.225
Tin Plated Brass
42780-21
3.46-6.38
2.10-2.85
0.64
4.57
5.72
* These splices are recommended for applications using wire size 26 AWG [0.40 mm] or smaller.
1
Increased terminal pitch.
2
Increased U-diameter.
B
A
L
7 Serrations —
Thru Type
Product Facts
s
Crimp bellmouth provides
retention in circular cavity
slot in bobbin
AWG/
Wire Range
Wire Range
Stock
Crimp
Dim.
Material
Part
mm2
Solid Dia.
CMA
Thickness
Width
L
Number
22-15.5
.028-.055
600-3000
.020
.110
.225
Tin Plated Brass
1217384-1**
0.38-1.54
0.70-1.40
0.51
2.79
5.72
*These splices are recommended for applications using wire size 26 AWG [0.40 mm] or smaller.


Similar Part No. - 62295-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
622 ETC2-622 Datasheet
136Kb / 2P
   Metal Bodied Front Mountable LED Indicator
logo
Oscilent Corporation
622 OSCILENT-622 Datasheet
146Kb / 2P
   Low Profile
logo
EDAC, All Rights Reserv...
622-009-260-010 EDAC-622-009-260-010 Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
622-009-260-011 EDAC-622-009-260-011 Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
622-009-260-012 EDAC-622-009-260-012 Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
More results

Similar Description - 62295-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
108-16000 TEC-108-16000 Datasheet
118Kb / 2P
   Crimping AMPLIVAR Ring Terminals
logo
PANDUIT CORP.
A41182 PANDUIT-A41182 Datasheet
67Kb / 1P
   NYLON INSULATED BUTT SPLICES
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
logo
Molex Electronics Ltd.
0193190003 MOLEX4-0193190003 Datasheet
89Kb / 2P
   Butt Splices VersaKrimp??350-450MCM
0193190001 MOLEX4-0193190001 Datasheet
89Kb / 2P
   Butt Splices VersaKrimp??250-350MCM
logo
Tyco Electronics
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
logo
Molex Electronics Ltd.
0193190004 MOLEX4-0193190004 Datasheet
89Kb / 2P
   Butt Splices VersaKrimp??500-600MCM
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com