Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA13705 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HA13705
Description  IPIC Intelligent Power IC High Side Solenoid Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13705 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HA13705 Datasheet HTML 2Page - Hitachi Semiconductor HA13705 Datasheet HTML 3Page - Hitachi Semiconductor HA13705 Datasheet HTML 4Page - Hitachi Semiconductor HA13705 Datasheet HTML 5Page - Hitachi Semiconductor HA13705 Datasheet HTML 6Page - Hitachi Semiconductor HA13705 Datasheet HTML 7Page - Hitachi Semiconductor HA13705 Datasheet HTML 8Page - Hitachi Semiconductor HA13705 Datasheet HTML 9Page - Hitachi Semiconductor HA13705 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi’s or any third party’s patent,
copyright, trademark, or other intellectual property rights for information contained in this document.
Hitachi bears no responsibility for problems that may arise with third party’s rights, including
intellectual property rights, in connection with use of the information contained in this document.
2. Products and product specifications may be subject to change without notice. Confirm that you have
received the latest product standards or specifications before final design, purchase or use.
3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However,
contact Hitachi’s sales office before using the product in an application that demands especially high
quality and reliability or where its failure or malfunction may directly threaten human life or cause risk
of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation,
traffic, safety equipment or medical equipment for life support.
4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly
for maximum rating, operating supply voltage range, heat radiation characteristics, installation
conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used
beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable
failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-
safes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other
consequential damage due to operation of the Hitachi product.
5. This product is not designed to be radiation resistant.
6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without
written approval from Hitachi.
7. Contact Hitachi’s sales office for any questions regarding this document or Hitachi semiconductor
products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits.
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.
Hitachi Asia Pte. Ltd.
16 Collyer Quay #20-00
Hitachi Tower
Singapore 049318
Tel: 535-2100
Fax: 535-1533
URL
NorthAmerica
: http:semiconductor.hitachi.com/
Europe
: http://www.hitachi-eu.com/hel/ecg
Asia (Singapore)
: http://www.has.hitachi.com.sg/grp3/sicd/index.htm
Asia (Taiwan)
: http://www.hitachi.com.tw/E/Product/SICD_Frame.htm
Asia (HongKong)
: http://www.hitachi.com.hk/eng/bo/grp3/index.htm
Japan
: http://www.hitachi.co.jp/Sicd/indx.htm
Hitachi Asia Ltd.
Taipei Branch Office
3F, Hung Kuo Building. No.167,
Tun-Hwa North Road, Taipei (105)
Tel: <886> (2) 2718-3666
Fax: <886> (2) 2718-8180
Hitachi Asia (Hong Kong) Ltd.
Group III (Electronic Components)
7/F., North Tower, World Finance Centre,
Harbour City, Canton Road, Tsim Sha Tsui,
Kowloon, Hong Kong
Tel: <852> (2) 735 9218
Fax: <852> (2) 730 0281
Telex: 40815 HITEC HX
Hitachi Europe Ltd.
Electronic Components Group.
Whitebrook Park
Lower Cookham Road
Maidenhead
Berkshire SL6 8YA, United Kingdom
Tel: <44> (1628) 585000
Fax: <44> (1628) 778322
Hitachi Europe GmbH
Electronic components Group
Dornacher Stra§e 3
D-85622 Feldkirchen, Munich
Germany
Tel: <49> (89) 9 9180-0
Fax: <49> (89) 9 29 30 00
Hitachi Semiconductor
(America) Inc.
179 East Tasman Drive,
San Jose,CA 95134
Tel: <1> (408) 433-1990
Fax: <1>(408) 433-0223
For further information write to:


Similar Part No. - HA13705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1370 ETC2-HA1370 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - HA13705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
   0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
logo
Infineon Technologies A...
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
   3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
TLE82452-3SA INFINEON-TLE82452-3SA_15 Datasheet
2Mb / 71P
   2 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
   Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
TLE92466ED INFINEON-TLE92466ED Datasheet
5Mb / 120P
   Six channel low-side solenoid driver IC
Rev. 1.0 2020-11-20
logo
STMicroelectronics
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
   2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com