Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF5NS70UF Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSF5NS70UF
Description  High dv/dt and avalanche capabilities
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5NS70UF Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSF5NS70UF Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5NS70UF Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5NS70UF Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5NS70UF Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5NS70UF Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF5NS70UF Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF5NS70UF Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF5NS70UF Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SSF5NS70UF
©Silikron Semiconductor CO.,LTD.
2013.08.19
Version : 1.0
page 6 of 8
www.silikron.com
Mechanical Data:
Min
Nom
Max
Min
Nom
Max
E
9.960
10.160
10.360
0.392
0.400
0.408
E1
9.840
10.040
10.240
0.387
0.395
0.403
E2
6.800
7.000
7.200
0.268
0.276
0.283
A
4.600
4.700
4.800
0.181
0.185
0.189
A1
2.440
2.540
2.640
0.096
0.100
0.104
A2
2.660
2.760
2.860
0.105
0.109
0.113
A3
0.600
0.700
0.800
0.024
0.028
0.031
c
-
0.500
-
-
0.020
-
D
15.780
15.870
15.980
0.621
0.625
0.629
D1
8.970
9.170
9.370
0.353
0.361
0.369
H1
6.500
6.700
6.800
0.256
0.264
0.268
e
Ф
P
3.080
3.180
3.280
0.121
0.125
0.129
Ф
P1
1.400
1.500
1.600
0.055
0.059
0.063
Ф
P2
0.900
1.000
1.100
0.035
0.039
0.043
Ф
P3
0.100
0.200
0.300
0.004
0.008
0.012
L
12.780
12.980
13.180
0.503
0.511
0.519
L1
2.970
3.170
3.370
0.117
0.125
0.133
L2
0.830
0.930
1.030
0.033
0.037
0.041
Q1
3
o
5
o
7
o
3
o
5
o
7
o
Q2
43
o
45
o
47
o
43
o
45
o
47
o
b1
1.180
1.280
1.380
0.046
0.050
0.054
b2
0.760
0.800
0.840
0.030
0.031
0.033
b3
-
-
1.420
-
-
0.056
Symbol
Dimension In Millimeters
Dimension In Inches
2.54BSC
0.10BSC
TO220F PACKAGE OUTLINE DIMENSION_GN


Similar Part No. - SSF5NS70UF

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF5NS70UG SILIKRON-SSF5NS70UG Datasheet
436Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF5NS70UG GOOD-ARK-SSF5NS70UG Datasheet
1Mb / 7P
   700V N-Channel MOSFET
SSF5NS70UG GOOD-ARK-SSF5NS70UG_15 Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results

Similar Description - SSF5NS70UF

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF11NS60UF SILIKRON-SSF11NS60UF Datasheet
444Kb / 8P
   High dv/dt and avalanche capabilities
SSF6NS70UG SILIKRON-SSF6NS70UG Datasheet
463Kb / 8P
   High dv/dt and avalanche capabilities
SSF20NS65F SILIKRON-SSF20NS65F Datasheet
386Kb / 8P
   High dv/dt and avalanche capabilities
SSF26NS60 SILIKRON-SSF26NS60 Datasheet
519Kb / 8P
   High dv/dt and avalanche capabilities
SSF5NS65UD SILIKRON-SSF5NS65UD Datasheet
475Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65 SILIKRON-SSF11NS65 Datasheet
379Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65U SILIKRON-SSF11NS65U Datasheet
484Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS70UG SILIKRON-SSF11NS70UG Datasheet
440Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS70UG SILIKRON-SSF7NS70UG Datasheet
468Kb / 8P
   High dv/dt and avalanche capabilities
SSF18NS60 SILIKRON-SSF18NS60 Datasheet
613Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS60F SILIKRON-SSF7NS60F Datasheet
574Kb / 8P
   High dv/dt and avalanche capabilities
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com