Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS5RPM5471D Datasheet(PDF) 1 Page - OptoSupply International

Part # OS5RPM5471D
Description  5.0x4.1mm Oval Red LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OS5RPM5471D Datasheet(HTML) 1 Page - OptoSupply International

  OS5RPM5471D Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5.0x4.1mm Oval Red LED
OS5RPM5471D
Features
Outline Dimension
High Luminous LEDs
5
5..0
0x
x4
4..1
1m
mm
m
Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Traffic Signal
Backlighting
Signal and channel letter
Other Lighting
Unit:mm
Tolerance:+0.3mm
2.54
1.0
1
2
1.Anode
2.Cathode
5.0
5.0
4.1
0.5+0.1
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
130
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260℃/ 5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
30°
0.5
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Maximum Forward Current
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λ
D
IF=20mA
620
625
630
nm
Luminous Intensity*
Iv
IF=20mA
8000
9000
-
mcd
50% Power Angle
1/2
IF=20mA
-
70/40
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Rth(J-a)=450°C/W
Rth(J-a)=350°C/W
Rth(J-a)=250°C/W
70
50
30
20
Maximun Permissible Forward Current Tj=115°C
40
30
20
10
0
0
10
Ta(Ambient Temperature -°C)
40
60
80 90
70
60
50


Similar Part No. - OS5RPM5471D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5RPM5111A OPTOSUPPLY-OS5RPM5111A Datasheet
65Kb / 1P
   5mm Round Red LED
OS5RPM5201A OPTOSUPPLY-OS5RPM5201A Datasheet
63Kb / 1P
   5mm Bullet Red LED
OS5RPM56A1A OPTOSUPPLY-OS5RPM56A1A Datasheet
67Kb / 1P
   4.8mm Straw Red LED
OS5RPM57E1A OPTOSUPPLY-OS5RPM57E1A Datasheet
65Kb / 1P
   5mm Flat Red LED
OS5RPM5C31C OPTOSUPPLY-OS5RPM5C31C Datasheet
63Kb / 1P
   5mm Round Red LED
More results

Similar Description - OS5RPM5471D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5SA5471D OPTOSUPPLY-OSR5SA5471D Datasheet
97Kb / 1P
   5.0x4.1mm Oval Red LED
OSR5RU5471D OPTOSUPPLY-OSR5RU5471D Datasheet
103Kb / 1P
   5.0x4.1mm Oval Red LED
OSR5RU5471D OPTOSUPPLY-OSR5RU5471D_11 Datasheet
106Kb / 1P
   5.0x4.1mm Oval Red LED
OSR5JA5471H OPTOSUPPLY-OSR5JA5471H Datasheet
103Kb / 1P
   5.0x4.1mm Oval Red LED
OSR5PA5471D OPTOSUPPLY-OSR5PA5471D Datasheet
100Kb / 1P
   5.0x4.1mm Oval Premium Red LED
OSR5MA5471D OPTOSUPPLY-OSR5MA5471D Datasheet
102Kb / 1P
   5.0x4.1mm Oval Phoenix Red LED
OSR5MA5471D OPTOSUPPLY-OSR5MA5471D_11 Datasheet
112Kb / 1P
   5.0x4.1mm Oval Phoenix Red LED
OSR5PA5471D OPTOSUPPLY-OSR5PA5471D_11 Datasheet
110Kb / 1P
   5.0x4.1mm Oval Premium Red LED
OSRGHC3132A OPTOSUPPLY-OSRGHC3132A_09 Datasheet
106Kb / 1P
   5.0x4.1mm Oval Phoenix Red LED
OSK5DK5471D OPTOSUPPLY-OSK5DK5471D Datasheet
104Kb / 1P
   5.0x4.1mm Oval Pink LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com