Electronic Components Datasheet Search |
|
HA16113FPJ Datasheet(PDF) 2 Page - Hitachi Semiconductor |
|
HA16113FPJ Datasheet(HTML) 2 Page - Hitachi Semiconductor |
2 / 18 page HA16113FPJ 2 Pin Arrangement (Top view) 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 P-RUN1 Cf1 Rf CR1 STBYadj STBY RES1 NMI NMIadj Re1 Re2 GND P-RUN2 Cf2 RR CR2 SW CONT RES2 CRES VOUT VCONT CS VCC Pin Description Pin No. Symbol Function 1 P-RUN1 Input from main CPU to watchdog timer 1 (WDT1) 2 Cf1 For connecting capacitor Cf1 to determine WDT1 filter characteristic (frequency band) 3 Rf For connecting common bias resistor Rf to determine WDT1 and WDT2 filter characteristics (frequency band), power-on reset time (t on, common to RES1 and RES2), clock-off time of auto-reset circuits 1 and 2, reset high time (t RH1 and tRH2),reset low time (t RL1 and tRL2), and reset pulse delay at voltage drop and recovery. Use the resistor value from 100 k Ω to 500 kΩ. 4C R1 For connecting capacitor C R1 to determine ton for power-on reset and toff1, tRH1, and tRL1 of auto-reset circuit 1. 5 STBY adj For adjusting standby trigger voltage (insert a resistor between this pin and ground) Recommended range: V H2 = 2.8 to 4.0 V 6 STBY Standby signal output 7 RES1 Reset signal output to main CPU 8 NMI Low-voltage interrupt signal output for memory backup |
Similar Part No. - HA16113FPJ |
|
Similar Description - HA16113FPJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |