Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF5NS70UG Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSF5NS70UG
Description  High dv/dt and avalanche capabilities
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5NS70UG Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSF5NS70UG Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5NS70UG Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5NS70UG Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5NS70UG Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5NS70UG Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF5NS70UG Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF5NS70UG Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF5NS70UG Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SSF5NS70UG
©Silikron Semiconductor CO.,LTD.
2014.02.08
Version : 1.3
page 6 of 8
www.silikron.com
Mechanical Data:
Min
Nom
Max
Min
Nom
Max
A
2.200
-
2.400
0.087
-
0.094
A1
0.950
-
1.150
0.037
-
0.045
B
0.950
-
1.250
0.037
-
0.049
b
0.500
-
0.700
0.020
-
0.028
c
0.450
-
0.550
0.018
-
0.022
c1
0.450
-
0.550
0.018
-
0.022
D
6.450
-
6.750
0.254
-
0.266
D1
5.200
-
5.400
0.205
-
0.213
E
5.950
-
6.250
0.234
-
0.246
e
2.240
-
2.340
0.088
-
0.092
e1
4.430
-
4.730
0.174
-
0.186
L
9.000
-
9.400
0.354
-
0.370
Symbol
Dimension In Millimeters
Dimension In Inches
TO-251 PACKAGE OUTLINE DIMENSION


Similar Part No. - SSF5NS70UG

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5NS70UG GOOD-ARK-SSF5NS70UG Datasheet
1Mb / 7P
   700V N-Channel MOSFET
SSF5NS70UG GOOD-ARK-SSF5NS70UG_15 Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results

Similar Description - SSF5NS70UG

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF11NS60UF SILIKRON-SSF11NS60UF Datasheet
444Kb / 8P
   High dv/dt and avalanche capabilities
SSF6NS70UG SILIKRON-SSF6NS70UG Datasheet
463Kb / 8P
   High dv/dt and avalanche capabilities
SSF20NS65F SILIKRON-SSF20NS65F Datasheet
386Kb / 8P
   High dv/dt and avalanche capabilities
SSF26NS60 SILIKRON-SSF26NS60 Datasheet
519Kb / 8P
   High dv/dt and avalanche capabilities
SSF5NS65UD SILIKRON-SSF5NS65UD Datasheet
475Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65 SILIKRON-SSF11NS65 Datasheet
379Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65U SILIKRON-SSF11NS65U Datasheet
484Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS70UG SILIKRON-SSF11NS70UG Datasheet
440Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS70UG SILIKRON-SSF7NS70UG Datasheet
468Kb / 8P
   High dv/dt and avalanche capabilities
SSF18NS60 SILIKRON-SSF18NS60 Datasheet
613Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS60F SILIKRON-SSF7NS60F Datasheet
574Kb / 8P
   High dv/dt and avalanche capabilities
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com