Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16113 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HA16113
Description  Dual Watchdog Timers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16113 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HA16113 Datasheet HTML 6Page - Hitachi Semiconductor HA16113 Datasheet HTML 7Page - Hitachi Semiconductor HA16113 Datasheet HTML 8Page - Hitachi Semiconductor HA16113 Datasheet HTML 9Page - Hitachi Semiconductor HA16113 Datasheet HTML 10Page - Hitachi Semiconductor HA16113 Datasheet HTML 11Page - Hitachi Semiconductor HA16113 Datasheet HTML 12Page - Hitachi Semiconductor HA16113 Datasheet HTML 13Page - Hitachi Semiconductor HA16113 Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HA16113FPJ
10
External Circuit Constant Calculations (cont)
Item
Equation
Remarks
V
NMI
V
= 1.2
1 +
×
(R1 // 71.7)
(R2 // 25)
NMI
NMI recovery voltage
(V
high) is:
NMI
V
high =
86.65
R1
NMI
+
86.65
R2 // 25
+ 1.2
1 +
73.8
R1
(R1 and R2 are in k )
Voltage at which the
NMI signal is output when Vout
drops. The
NMI trigger voltage and NMI recovery voltage
can be trimmed by connecting resistors between the
NMIadj pin and Vout (R1), and between NMIadj and GND
(R2).
Vout
R1
NMIadj
R2
NMI
Vout
NMI
VNMI
V
high
NMI
t
V
STBY
(R3 is in k )
V
=
71
31.2 + (36.8 // R3)
STBY
1 +
1.47
×
Voltage at which the
STBY signal is output when Vout
drops. The
STBY trigger voltage can be adjusted by
connecting a resistor (R3) between the
STBYadj pin and
GND. The
STBY recovery voltage cannot be adjusted.
Vout
STBYadj
R3
STBY
Vout
STBY
VSTBY
V
high
STBY
t
WDT.
Line1 =
0.31 (Du – 24)
Cf
Rf
×
×
Line2 = Du (= 25%)*
Line3 =
0.015
Cf
Rf
×
Line4 =
1 – Du
2.1 tRH
×
Line5 = 99%
Du is the duty cycle of the P-RUN
pulse.
*
Du =
t
t
+ t
RH
RL
RH
Note: Line2 and Line5 are fixed.
The watchdog timer function determines whether the P-
RUN pulse is normal or not. A reset pulse is output if P-
RUN is determined to be abnormal. The normal region is
the part bounded by Line1 to Line3 (or Line4) in the
diagram. Line4 applies in certain cases, depending on
C
R, Cf, and the state of P-RUN.
Line1
Line4
Line5
Line2
Line3
Normal area
Frequency
(Hz)
Duty
(%)


Similar Part No. - HA16113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16114 RENESAS-HA16114 Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16114 RENESAS-HA16114 Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114FP HITACHI-HA16114FP Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16114FP RENESAS-HA16114FP Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114FPJ HITACHI-HA16114FPJ Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA16113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6369 MAXIM-MAX6369 Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6369 MAXIM-MAX6369_10 Datasheet
288Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 4; 6/10
MAX6369 MAXIM-MAX6369_11 Datasheet
123Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX16997 MAXIM-MAX16997 Datasheet
154Kb / 16P
   High-Voltage Watchdog Timers with Adjustable Timeout Delay
Rev 1; 4/09
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
NE556 TI-NE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556 TI1-NA556_14 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com