Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16113 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA16113
Description  Dual Watchdog Timers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16113 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA16113 Datasheet HTML 1Page - Hitachi Semiconductor HA16113 Datasheet HTML 2Page - Hitachi Semiconductor HA16113 Datasheet HTML 3Page - Hitachi Semiconductor HA16113 Datasheet HTML 4Page - Hitachi Semiconductor HA16113 Datasheet HTML 5Page - Hitachi Semiconductor HA16113 Datasheet HTML 6Page - Hitachi Semiconductor HA16113 Datasheet HTML 7Page - Hitachi Semiconductor HA16113 Datasheet HTML 8Page - Hitachi Semiconductor HA16113 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HA16113FPJ
2
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
P-RUN1
Cf1
Rf
CR1
STBYadj
STBY
RES1
NMI
NMIadj
Re1
Re2
GND
P-RUN2
Cf2
RR
CR2
SW
CONT
RES2
CRES
VOUT
VCONT
CS
VCC
Pin Description
Pin No. Symbol
Function
1
P-RUN1
Input from main CPU to watchdog timer 1 (WDT1)
2
Cf1
For connecting capacitor Cf1 to determine WDT1 filter characteristic (frequency band)
3
Rf
For connecting common bias resistor Rf to determine WDT1 and WDT2 filter
characteristics (frequency band), power-on reset time (t
on, common to RES1 and
RES2), clock-off time of auto-reset circuits 1 and 2, reset high time (t
RH1 and tRH2),reset
low time (t
RL1 and tRL2), and reset pulse delay at voltage drop and recovery.
Use the
resistor value from 100 k
Ω to 500 kΩ.
4C
R1
For connecting capacitor C
R1 to determine ton for power-on reset and toff1, tRH1, and tRL1
of auto-reset circuit 1.
5
STBY adj
For adjusting standby trigger voltage (insert a resistor between this pin and ground)
Recommended range: V
H2 = 2.8 to 4.0 V
6
STBY
Standby signal output
7
RES1
Reset signal output to main CPU
8
NMI
Low-voltage interrupt signal output for memory backup


Similar Part No. - HA16113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16114 RENESAS-HA16114 Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16114 RENESAS-HA16114 Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114FP HITACHI-HA16114FP Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16114FP RENESAS-HA16114FP Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA16114FPJ HITACHI-HA16114FPJ Datasheet
275Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA16113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6369 MAXIM-MAX6369 Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6369 MAXIM-MAX6369_10 Datasheet
288Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 4; 6/10
MAX6369 MAXIM-MAX6369_11 Datasheet
123Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX16997 MAXIM-MAX16997 Datasheet
154Kb / 16P
   High-Voltage Watchdog Timers with Adjustable Timeout Delay
Rev 1; 4/09
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
NE556 TI-NE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556 TI1-NA556_14 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com