Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F12-0851 Datasheet(PDF) 3 Page - FCI connector

Part # F12-0851
Description  MINI LATCH HOUSING DR POL 2.54mm x 2.54mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

F12-0851 Datasheet(HTML) 3 Page - FCI connector

  F12-0851 Datasheet HTML 1Page - FCI connector F12-0851 Datasheet HTML 2Page - FCI connector F12-0851 Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
FCI:
69176-012LF


Similar Part No. - F12-0851

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F12-090 ETC2-F12-090 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F12-090 TRIAD-F12-090 Datasheet
65Kb / 1P
   PC MOUNT : SPLIT PACK
F12-090-C2 TRIAD-F12-090-C2 Datasheet
34Kb / 1P
   CLASS 2 TRANSFORMER
More results

Similar Description - F12-0851

ManufacturerPart #DatasheetDescription
logo
FCI connector
65846-010LF FCI-CONNECTOR-65846-010LF Datasheet
85Kb / 2P
   MINI LATCH DR POLARIZED HSG 2.54mm
65043-033LF FCI-CONNECTOR-65043-033LF Datasheet
126Kb / 2P
   MINI LATCH HOUSING DOUBLE ROW 2.54mm
65039 FCI-CONNECTOR-65039 Datasheet
129Kb / 2P
   MINI LATCH SR POLARIZED HSG 2.54mm
65846-010ELF FCI-CONNECTOR-65846-010ELF Datasheet
260Kb / 3P
   MINI LATCH HOUSING DOUBLE ROW POLARIZED
65043 FCI-CONNECTOR-65043 Datasheet
659Kb / 11P
   MINI LATCH HOUSING DOUBLE ROW .100
75168-101-02LF FCI-CONNECTOR-75168-101-02LF Datasheet
144Kb / 2P
   HEADER, SR, RA, POL, 2.54mm
C-BMJ-0102 FCI-CONNECTOR-C-BMJ-0102 Datasheet
146Kb / 1P
   8 POL SHALLOW LATCH CONNECTOR
75168 FCI-CONNECTOR-75168 Datasheet
144Kb / 2P
   HEADER SR RA POL 2.54mm
54602-908LF FCI-CONNECTOR-54602-908LF Datasheet
146Kb / 1P
   8 POL SHALLOW LATCH CONNECTOR
65039-035LF FCI-CONNECTOR-65039-035LF Datasheet
749Kb / 2P
   MINI LATCH HOUSING SINGLE ROW 100 2.54 CC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com