Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16108FP Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA16108FP
Description  PWM Switching Regulator for High-performance Voltage Mode Control
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16108FP Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA16108FP Datasheet HTML 5Page - Hitachi Semiconductor HA16108FP Datasheet HTML 6Page - Hitachi Semiconductor HA16108FP Datasheet HTML 7Page - Hitachi Semiconductor HA16108FP Datasheet HTML 8Page - Hitachi Semiconductor HA16108FP Datasheet HTML 9Page - Hitachi Semiconductor HA16108FP Datasheet HTML 10Page - Hitachi Semiconductor HA16108FP Datasheet HTML 11Page - Hitachi Semiconductor HA16108FP Datasheet HTML 12Page - Hitachi Semiconductor HA16108FP Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
HA16107P/FP, HA16108P/FP
9
Level determined by transformer
• Timing waveforms
16.2 V
9.5 V
6.45 V
5 V
4 V
0 V
VIN
(Time t)
Normal operation
Soft start
VIN
VST
VCT
CST discharge
ST
Quick shutdown
VE/O
4.2 V
3.8 V
2.2 V
0 V
0 V
VCT, VST,
VE/O
VOUT
(PWM pulse)
+
+
Vref
from Vref
from UVL2
(Effective for
quick shutdown)
PWM comparator
VCT
E/O
15
7
10
9
10
µA
Zener
diode
3.8 V
Vref
CST
ST
Note: The soft-start time constant is determined by CST and the constant-current value (typically 10 µA).
Vref
Vref
VIN


Similar Part No. - HA16108FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16108FP HITACHI-HA16108FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
Renesas Technology Corp
HA16108FP RENESAS-HA16108FP Datasheet
454Kb / 40P
   PWM Switching Regulator for High-performance Voltage Mode Control
More results

Similar Description - HA16108FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16107P RENESAS-HA16107P Datasheet
454Kb / 40P
   PWM Switching Regulator for High-performance Voltage Mode Control
logo
List of Unclassifed Man...
THX208 ETC2-THX208 Datasheet
804Kb / 22P
   High-performance current - mode PWM regulator
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
   HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
logo
New Japan Radio
NJM2378 NJRC-NJM2378 Datasheet
294Kb / 8P
   PWM SWITCHING REGULATOR CONTROL IC FOR SLAVE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com