Selected language     English  ▼


00-10-11 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. 00-10-11
Description  Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
77034
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
X
SHEET
11
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - Continued.
Test
Symbol
Conditions
-55
°C ≤ T
A ≤ +125°C
IL = 8 mA
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Cases M, N, T, U, Y, Z - Continued. 4/ 5/
Line regulation 3/
RLINE
VOUT = VREF,
3.0 V
≤ V
DIFF ≤ 40 V
1
02
±9
mV
M,D,P,L,R
1
±9
VOUT = VREF,
3.3 V
≤ V
DIFF ≤ 40 V
2,3
±23
VOUT = VREF,
1
±5
40 V
≤ V
DIFF ≤ 60 V
2,3
±10
M,D,P,L,R
1
±5
Load regulation 1/
RLOAD
VDIFF = 3 V,
10 mA
≤ I
L ≤ 1.5 A
1
02
±15
mV
M,D,P,L,R
1
±15
VDIFF = 3.3 V,
10 mA
≤ I
L ≤ 1.5 A
2,3
±15
VDIFF = 40V,
10 mA
≤ I
L ≤ 300 mA
1
±15
M,D,P,L,R
1
±15
VDIFF = 40 V,
10 mA
≤ I
L ≤ 195 mA
2,3
±15
VDIFF = 60 V,
10 mA
≤ I
L ≤ 30 mA
1,2,3
±15
M,D,P,L,R
1
±15
Thermal regulation
VRTH
VIN = 14.6 V, IL = 1.5 A,
PD = 20 watts, t = 20 ms,
TA = +25°C
1
02
±16
mV
M,D,P,L,R
1
±16
Ripple rejection 2/
RN
f = 120 Hz, CADJ = 10 µF,
VOUT = VREF, IOUT = 100 mA
4,5,6
02
66
dB
Adjustment pin current
IADJ
VDIFF = 3.0 V
1
02
100
µA
M,D,P,L,R
1
100
VDIFF = 3.3 V
2,3
100
VDIFF = 40 V
1,2,3
100
M,D,P,L,R
1
100
VDIFF = 60 V
1,2,3
100
M,D,P,L,R
1
100
See footnotes at end of table.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl