Selected language     English  ▼


00-10-11 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. 00-10-11
Description  Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 4 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
77034
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
X
SHEET
4
DSCC FORM 2234
APR 97
1.3 Absolute maximum ratings – Continued. 2/
Maximum output current (IMAX):
Cases X, 2, 5, and 6 ................................................................................ 0.5 A
Cases M, N, T, U, Y, Z, and 4 ................................................................. 1.5 A
1.4 Recommended operating conditions.
Output voltage range:
Device types 01, 05 ................................................................................. 1.2 to 37 V dc
Device types 02, 07 ................................................................................. 1.2 to 57 V dc
Device types 03, 06 ................................................................................. -1.2 to -37 V dc
Device types 04, 08 ................................................................................. -1.2 to -47 V dc
Ambient operating temperature range (TA) ................................................. -55°C to +125°C
Input voltage range:
Device types 01, 05 ................................................................................. 4.25 V dc to 41.25 V dc
Device types 03, 06 ................................................................................. -4.25 V dc to -41.25 V dc
Device types 02, 07 ................................................................................. 4.25 V dc to 61.25 V dc
Device types 04, 08 ................................................................................. -4.25 V dc to -51.25 V dc
1.5 Radiation features.
Maximum total dose available (dose rate = 50 – 300 rads(Si)/s): 3/
Device types 02 and 07 ........................................................................... 100 Krads(Si)
2. APPLICABLE DOCUMENTS
2.1 Government specification, standards, and handbooks. The following specification, standards, and handbooks form a part
of this drawing to the extent specified herein. Unless otherwise specified, the issues of these documents are those cited in the
solicitation or contract.
DEPARTMENT OF DEFENSE SPECIFICATION
MIL-PRF-38535 - Integrated Circuits, Manufacturing, General Specification for.
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-883
-
Test Method Standard Microcircuits.
MIL-STD-1835 -
Interface Standard Electronic Component Case Outlines.
DEPARTMENT OF DEFENSE HANDBOOKS
MIL-HDBK-103 -
List of Standard Microcircuit Drawings.
MIL-HDBK-780 -
Standard Microcircuit Drawings.
(Copies of these documents are available online at http://assist.daps.dla.mil/quicksearch/ or http://assist.daps.dla.mil or from the
Standardization Document Order Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA 19111-5094.)
3/
These parts may be dose rate sensitive in a space environment and may demonstrate enhanced low dose rate effects.
Radiation end point limits for the noted parameters are guaranteed only for the conditions specified in MIL-STD-883,
method 1019, condition A.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl