Electronic Components Datasheet Search
Selected language     English  ▼


00-10-11 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. 00-10-11
Description  Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
Download  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 6 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
77034
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
X
SHEET
6
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions
-55
°C ≤ T
A ≤ +125°C
IL = 8 mA
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Cases X, 2, 5 and 6
Reference voltage
VREF
VDIFF = 3.0 V
1
01
1.20
1.30
V
VDIFF = 3.3 V
2,3
1.20
1.30
VDIFF = 40 V
1,2,3
1.20
1.30
Line regulation
RLINE
3.0
≤ V
DIFF ≤ 40 V,
VOUT = VREF
1
01
±9
mV
3.3
≤ V
DIFF ≤ 40 V,
VOUT = VREF
2,3
±23
Load regulation 1/
RLOAD
VDIFF = 3 V,
10 mA
≤ I
L ≤ 500 mA
1
01
±15
mV
VDIFF = 3.3 V,
10 mA
≤ I
L ≤ 500 mA
2,3
±15
VDIFF = 40V,
10 mA
≤ I
L ≤ 150 mA
1
±15
VDIFF = 40 V,
10 mA
≤ I
L ≤ 100 mA
2,3
±15
Thermal regulation
VRTH
VIN = +14.6 V,
IL = 300 mA, t = 20 ms,
PD = 4 W, TA =+25°C
1
01
±3.1
mV
Ripple rejection
RN
f = 120 Hz, CADJ = 10 µF,
VOUT = VREF 2/
4,5,6
01
66
dB
Adjustment pin current
IADJ
VDIFF = 3.0 V
1
01
100
µA
VDIFF = 3.3 V
2,3
100
VDIFF = 40 V
1,2,3
100
Adjustment pin current
change
∆I
ADJ
VDIFF = 3 V,
10 mA
≤ I
L ≤ 500 mA
1
01
±5
µA
VDIFF = 3.3 V,
10 mA
≤ I
L ≤ 500 mA
2,3
±5
VDIFF = 40 V,
10 mA
≤ I
L ≤ 150 mA
1
±5
VDIFF = 40 V,
10 mA
≤ I
L ≤ 100 mA
2,3
±5
See footnotes at end of table.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl