Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL5531P1 Datasheet(PDF) 2 Page - NEC

Part # NDL5531P1
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5531P1 Datasheet(HTML) 2 Page - NEC

  NDL5531P1 Datasheet HTML 1Page - NEC NDL5531P1 Datasheet HTML 2Page - NEC NDL5531P1 Datasheet HTML 3Page - NEC NDL5531P1 Datasheet HTML 4Page - NEC NDL5531P1 Datasheet HTML 5Page - NEC NDL5531P1 Datasheet HTML 6Page - NEC NDL5531P1 Datasheet HTML 7Page - NEC NDL5531P1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NDL5531P Series
ORDERING INFORMATION
Part Number
Available Connector
Description
NDL5531P
Without Connector
No Flange
NDL5531PC
With FC-PC Connector
NDL5531PD
With SC-PC Connector
NDL5531P1
Without Connector
Flat Mount Flange
NDL5531P1C
With FC-PC Connector
NDL5531P1D
With SC-PC Connector
NDL5531P2
Without Connector
Vertical Flange
NDL5531P2C
With FC-PC Connector
NDL5531P2D
With SC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Current
IF
10
mA
Reverse Current
IR
0.5
mA
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Reverse Breakdown Voltage
V(BR)R
ID = 100
µA
50
70
100
V
Temperature Coefficient of
Reverse Breakdown Voltage
δ*1
0.2
%/
°C
Dark Current
ID
VR = V(BR)R
× 0.9
5
25
nA
Multiplied Dark Current
IDM
M = 2 to 10
1
5
nA
Terminal Capacitance
Ct
VR = V(BR)R
× 0.9, f = 1 MHz
0.35
0.60
pF
Cut-off Frequency
fC
M = 10
2.5
GHz
Quantum Efficiency
η
λ = 1 300 nm, M = 1
76
90
%
λ = 1 550 nm, M = 1
65
77
Responsivity
S
λ = 1 300 nm, M = 1
0.80
0.94
A/W
λ = 1 550 nm, M = 1
0.81
0.96
Multiplication Factor
M
λ = 1 300 nm, Ipo = 1.0
µA30
40
VR = V (@ ID = 1
µA)
Excess Noise Factor
*2
x
λ = 1 300 nm, 1 550 nm, Ipo = 1.0
µA0.7
F
M = 10, f = 35 MHz, B = 1 MHz
5
*1
δ =
*2 F = M
X
V(BR)R
< 25 °C +
∆T °C > −V(BR)R < 25 °C >
∆T °C ⋅ V(BR)R < 25 °C >


Similar Part No. - NDL5531P1

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5531P1 NEC-NDL5531P1 Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5531P1 CEL-NDL5531P1 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5531P1 RENESAS-NDL5531P1 Datasheet
203Kb / 10P
   PHOTO DIODE
1996
logo
California Eastern Labs
NDL5531P1C CEL-NDL5531P1C Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5531P1C RENESAS-NDL5531P1C Datasheet
203Kb / 10P
   PHOTO DIODE
1996
More results

Similar Description - NDL5531P1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
logo
California Eastern Labs
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com