Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB61F8A Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CB61F8A
Description  Fast-Acting SMD Brick Fuses CB61F Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CB61F8A Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CB61F8A Datasheet HTML 1Page - Cooper Bussmann, Inc. CB61F8A Datasheet HTML 2Page - Cooper Bussmann, Inc. CB61F8A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions - mm
Drawing Not to Scale
Fast-Acting SMD Brick™ Fuses
CB61F Series
0112
BU-SB111447
Page 1 of 3
Data Sheet 4377
Surface Mount Device
Description
The fast-acting CB61F Series of SMD Brick™ fuse provides high breaking
capacity performance in a CQC Approved SMD package. The CB61F Series
offers 125Vac/50A and 125Vdc/300A protection up to 15 amps, which is
among the highest in its class.
Features
• High Interrupting Ratings: 50A @ 125Vac / 300A @ 125Vdc
• Wide Selection: The CB61F Series is available in ratings from 2 to 15
amps providing a range of solutions for applications requiring
fast-acting performance
• CQC Approved: Meets the growing market demand.
• cULus Certified and PSE Level 1 Certified
• Excellent Environmental Integrity: lead-free, halogen free and RoHS
compliant, and present no disposal issues at end of life.
• Solder immersion compatible
• Wire-in-Air design
Applications
• LCD/PDP TVs
• LCD Monitors
• LCD backlight inverters
• Notebooks
• Servers
• Power supplies
• Telecom/PoE
• Medical equipment
• White goods
• Industrial applications
Specifications
Current
Voltage
Interrupting
Typical Cold
Typical
Typical
Agency
Catalog
Ratings
Ratings
Ratings (amps)*
Resistance
Melting
Voltage
Approvals
Number
(amps)
Vac
Vdc
125Vac
125Vdc
(
Ω)**
I
2t (A2s)***
Drop (mV)
cULus
PSE
CQC
CB61F2A
2
125
125
100
300
0.039
0.85
100
X
X
X
CB61F3A
3
125
125
100
300
0.025
2.08
100
X
X
X
CB61F4A
4
125
125
100
300
0.017
4.4
93
X
X
X
CB61F5A
5
125
125
100
300
0.013
7.7
90
X
X
X
CB61F6.3A
6.3
125
125
100
300
0.010
13.7
90
X
X
X
CB61F7A
7
125
125
100
300
0.009
15.6
85
X
X
CB61F8A
8
125
125
100
300
0.008
19.5
90
X
X
X
CB61F10A
10
125
125
100
300
0.006
36
90
X
X
X
CB61F12A
12
125
125
50
300
0.005
40
90
X
X
CB61F15A
15
125
125
50
300
0.004
56
85
X
X
* AC Interrupting Rating (measured at designated voltage, 100% power factor); DC Interrupting Rating (measured at designated voltage, time constant of less than 50 microseconds, battery source)
** Typical Cold Resistance (measured at 10% of rated current)
*** Typical Melting I
2t (measured with a battery bank at rated DC voltage, 10x-rated current, time constant of calibrated circuit less than 50 microseconds)
‡ Typical Voltage Drop (measured at rated current after temperature stabilizes)
Pb
HALOGEN
HF
FREE
Agency Information
• cULus: Standard UL 248-14, Guide JDYX, File E 19180 and
Guide JDYX7, File E19180
• PSE: JET 1641-31007-1003 (2A-5A)
JET 1641-31007-1004 (6.3A-10A)
JET 1641-31007-1005 (12-15A)
• CQC: CQC09012040316 (2A-6.3A & 8A-10A)
Ordering
Specify product and packaging code
Environmental Data
• Mechanical Shock: MIL-STD-202G, Method 213B, Test Condition C
(100 G’s peak for 6 milliseconds; half-sine waveform)
• Mechanical Vibration: MIL-STD-202G, Method 201,Test Condition A
(10-55Hz, 0.06 inch, total excursion)
• Insulation Resistance: MIL-STD-202, Method 302, Test Condition A
(after opening) 10,000 ohms minimum
• Resistance to Solder Heat: MIL-STD-202G, Method 210F, Test Condition D
(10 sec, at 260°C); Test Condition A (350°C, 5s) for hand solder
• Thermal Shock: MIL-STD-202, Method 107G, Test Condition B
(-65°C to +125°C)


Similar Part No. - CB61F8A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CB61F8A COOPER-CB61F8A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses
CB61F8A COOPER-CB61F8A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses CB61F Series
logo
Eaton All Rights Reserv...
CB61F8A EATON-CB61F8A Datasheet
600Kb / 3P
   Fast-acting surface mount Brick??fuses
More results

Similar Description - CB61F8A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CB61F4A-TR1 COOPER-CB61F4A-TR1 Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses CB61F Series
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses
1025FA250-R COOPER-1025FA250-R Datasheet
315Kb / 2P
   Brick??Fuses 1025FA Series, Fast-Acting
logo
Eaton All Rights Reserv...
CB61F EATON-CB61F Datasheet
600Kb / 3P
   Fast-acting surface mount Brick??fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
SF-1206F-M BOURNS-SF-1206F-M Datasheet
537Kb / 5P
   Fast Acting SMD Fuses
SF-2410FP-T BOURNS-SF-2410FP-T Datasheet
609Kb / 9P
   Fast Acting Precision SMD Fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Bourns Electronic Solut...
SF-3812F-T BOURNS-SF-3812F-T Datasheet
264Kb / 6P
   SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com